Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SGA-1163 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SGA-1163
Description  DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SGA-1163 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SGA-1163 Datasheet HTML 1Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 2Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 3Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 4Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 5Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 6Page - List of Unclassifed Manufacturers SGA-1163 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Preliminary
Preliminary
SGA-1163 DC-6000 MHz 4.6V SiGe Amplifier
EDS-100934 Rev A
522 Almanor Ave., Sunnyvale, CA 94085
Phone: (800) SMI-MMIC
http://www.sirenza.com
-8 0
-6 0
-4 0
-2 0
0
-4 0
-3 0
-2 0
-1 0
0
0
6
12
18
24
-4 0
-3 0
-2 0
-1 0
0
S21, Id =12mA, T=-40C
dB
Frequency MHz
dB
dB
dB
Frequency MHz
S12, Id =12mA, T=-40C
S22, Id =12mA, T=-40C
Frequency MHz
Frequency MHz
S11, Id =12mA, T=-40C
S11, Id=12mA, T=-40C
S22, Id=12mA, T=-40C
Freq. Min = 0.1 GHz
Freq. Max = 6.0 GHz
Freq. Min = 0.1 GHz
Freq. Max = 6.0 GHz


Similar Part No. - SGA-1163

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
More results

Similar Description - SGA-1163

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-1163 SIRENZA-SGA-1163 Datasheet
321Kb / 7P
   DC-6000 MHz SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
SGA-7489 SIRENZA-SGA-7489 Datasheet
99Kb / 4P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
Stanford Microdevices
SGA-2386 STANFORD-SGA-2386 Datasheet
230Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 STANFORD-SGA-1263 Datasheet
248Kb / 7P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
List of Unclassifed Man...
SGA-5489 ETC-SGA-5489 Datasheet
303Kb / 8P
   DC-4000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 ETC-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
Stanford Microdevices
SGA-2363 STANFORD-SGA-2363 Datasheet
333Kb / 7P
   DC-2800 MHz Silicon Germanium HBT Cascadeable Gain Block
logo
SIRENZA MICRODEVICES
SGA-7489 SIRENZA-SGA-7489_1 Datasheet
653Kb / 6P
   DC-3000 MHz Silicon Germanium HBT Cascadeable Gain Block
SGA-1263 SIRENZA-SGA-1263 Datasheet
331Kb / 7P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
logo
List of Unclassifed Man...
SGA-4586 ETC-SGA-4586 Datasheet
671Kb / 8P
   DC-4000 MHZ SILICON GERMANIUM HBT CASCADEABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com