Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

5611-BSR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. 5611-BSR
Description  Seven segment LED display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5611-BSR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  5611-BSR Datasheet HTML 1Page - List of Unclassifed Manufacturers 5611-BSR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ABSOLUTE
 MAXIMUM RATINGS PER CHIP (Ta=25°C) 
 
ITEM
 
Amber
 
Super
green
Super
red
 
High
 
red
 
Yellow
green
Yellow
Blue
 
Pure
 
green
 
White
UNIT
Power
 Dissipation (Pd) 
52
 
50
 
40
 
36
 
44
 
42
 
66
 
66
 
66
 
mW
 
Peak
 Forward Current (Ifp) 
100
 
100
 
100
 
100
 
100
 
100
 
100
 
100
 
100
 
mA
 
Continuous
 Forward 
Current
 (If) 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
mA
 
Reverse
 Voltage (Vr) 
5
 
5
 
5
 
5
 
5
 
5
 
5
 
5
 
5
 
V
 
Reverse
 Current (Ir) 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
20
 
Ua
 
Operating
 Temperature 
Range
 (Ta) 
‐35~+85 
°C
 
Storage
 Temperature 
Range
 (Tstg) 
‐35~+85 
°C
 
Lead
 Solder Temperature 
260°C
 for 3 sec 
 
Color
 Code & Chip characteristic PER CHIP: (Test Condition: IF=20Ma) 
 
Peak
 Wavelength 
Forward
 Voltage 
IF=20Ma
 (V) 
Luminous
 Intensity
IF=20Ma
 (mcd) 
Emitting
 Color 
(
λp) 
Δλ 
Typ
 
Max
 
Max
 
Amber
 
605
‐615 
30
 
2.1
 
2.5
 
30
 
Super
 green 
565
‐570 
30
 
2.2
 
2.6
 
80
 
Super
 red 
625
‐640 
20
 
2.1
 
2.5
 
100
 
High
 red 
640
‐660 
20
 
2.1
 
2.5
 
20
 
Yellow
 green 
570
‐575 
30
 
2.2
 
2.6
 
12
 
Yellow
 
590
‐600 
35
 
2.1
 
2.5
 
60
 
Blue
 
465
‐475 
40
 
3.3
 
4.0
 
50
 
Pure
 green 
515
‐525 
40
 
3.3
 
4.0
 
200
 
White
 
  
3.3
 
4.0
 
180
 
 


Similar Part No. - 5611-BSR

ManufacturerPart No.DatasheetDescription
Bourns Electronic Solutions
Bourns Electronic Solut...
5611-RC BOURNS-5611-RC Datasheet
428Kb / 1P
   High Current Chokes
More results

Similar Description - 5611-BSR

ManufacturerPart No.DatasheetDescription
LUMEX INC.
LUMEX INC.
LDS-A812RI LUMEX-LDS-A812RI Datasheet
56Kb / 1P
   0.80 SEVEN SEGMENT, LED DISPLAY
LDD-SMA5604RI-SI LUMEX-LDD-SMA5604RI-SI Datasheet
65Kb / 1P
   Seven Segment Display
Lite-On Technology Corporation
Lite-On Technology Corp...
LTD-5521AE LITEON-LTD-5521AE Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTD-5623AG LITEON-LTD-5623AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5303AP LITEON-LTS-5303AP Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LTS-5603AG LITEON-LTS-5603AG Datasheet
786Kb / 5P
   0.56 Seven-Segment Numeric LED Display
LUMEX INC.
LUMEX INC.
LDD-SMA3007RIUSBTR LUMEX-LDD-SMA3007RIUSBTR Datasheet
78Kb / 1P
   Seven Segment Dual Digit LED Display
Micro Electronics
Micro Electronics
MU1231A-C MICRO-ELECTRONICS-MU1231A-C Datasheet
88Kb / 2P
   SEVEN SEGMENT NUMERIC DISPLAY
Siemens Semiconductor Group
Siemens Semiconductor G...
HD1105 SIEMENS-HD1105 Datasheet
645Kb / 6P
   SEVEN SEGMENT DISPLAY 10mm
HD1131 SIEMENS-HD1131 Datasheet
644Kb / 6P
   SEVEN SEGMENT DISPLAY 13MM
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz