Electronic Components Datasheet Search |
|
HDSP-A411-J0000 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard) |
|
HDSP-A411-J0000 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard) |
7 / 14 page 7 High Efficiency Red Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions A21X Luminous Intensity/Segment[1,2] IV 360 980 µcd IF = 5 mA (Digit Average) 5390 IF = 20 mA F21X, G21X 420 1200 IF = 5 mA H21X, K21X 900 2800 IF = 10 mA 3700 IF = 60 mA Peak: 1/6 Duty Factor All Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 20 mA Devices Peak Wavelength λ PEAK 635 nm Dominant Wavelength[3] λ d 626 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F / °C-2 mV/ °C VF/Segment or DP A21X Thermal Resistance LED R θ J-PIN 200 °C/W/ Junction-to-Pin Seg. F21X, G21X 320 H21X, K21X 345 Orange Device Series HDSP- Parameter Symbol Min. Typ. Max. Units Test Conditions A41X Luminous Intensity/Segment IV 0.70 mcd IF = 5 mA (Segment Average)[1,2] F41X, G41X 1.0 IF = 5 mA H41X, K41X 2.37 IF = 10 mA All Forward Voltage/Segment or DP VF 2.0 2.5 V IF = 20 mA Devices Peak Wavelength λ PEAK 600 nm Dominant Wavelength[3] λ d 603 nm Reverse Voltage/Segment or DP[4] VR 3.0 30 V IR = 100 µA Temperature Coefficient of ∆V F / °C –2mV/ °C VF/Segment or DP A41X Thermal Resistance LED R θ J-PIN 200 °C/W/ Junction-to-Pin Seg. F41X, G41X 320 H41X, K41X 345 |
Similar Part No. - HDSP-A411-J0000 |
|
Similar Description - HDSP-A411-J0000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |