Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-8984106KX Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # 5962-8984106KX
Description  Flash-erasable Reprogrammable CMOS PAL Device
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

5962-8984106KX Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button 5962-8984106KX Datasheet HTML 3Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 4Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 5Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 6Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 7Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 8Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 9Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 10Page - Cypress Semiconductor 5962-8984106KX Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PALCE22V10
USE ULTRA37000TM FOR
ALL NEW DESIGNS
Document #: 38-03027 Rev. *B
Page 7 of 13
fMAX3
Internal Feedback Maximum
Frequency (1/(tCF + tS))
[6, 13]
111
68.9
32.2
MHz
tCF
Register Clock to
Feedback Input[6, 14]
3
4.5
13
ns
tAW
Asynchronous Reset Width
10
15
25
ns
tAR
Asynchronous Reset
Recovery Time
6
12
25
ns
tAP
Asynchronous Reset to
Registered Output Delay
12
20
25
ns
tSPR
Synchronous Preset
Recovery Time
8
20
25
ns
tPR
Power-up Reset Time[6, 15]
1
1
1
µs
Switching Waveforms
Power-Up Reset Waveform[15]
Military and Industrial Switching Characteristics PALCE22V10 (continued)[2, 7]
Parameter
Description
22V10-10
22V10-15
22V10-25
Unit
Min.
Max.
Min.
Max.
Min.
Max.
t S
t H
t WL
t WH
t P
t SPR
t AR
t AW
t AP
t CO
t PD
tER
tEA
tER
tEA
INPUTS I/O,
REGISTERED
FEEDBACK
SYNCHRONOUS
PRESET
CP
ASYNCHRONOUS
RESET
REGISTERED
OUTPUTS
COMBINATORIAL
OUTPUTS
[10]
[10]
[9]
[9]
tPR
POWER
CLOCK
tS
t WL
10%
REGISTERED
ACTIVE LOW
OUTPUTS
SUPPLY VOLTAGE
tPR MAX = 1 µs
90%
VCC


Similar Part No. - 5962-8984106KX

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
5962-89841063X ATMEL-5962-89841063X Datasheet
537Kb / 15P
   Highperformance EE PLD
5962-89841063X ATMEL-5962-89841063X Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
5962-8984106LA ATMEL-5962-8984106LA Datasheet
537Kb / 15P
   Highperformance EE PLD
5962-8984106LA ATMEL-5962-8984106LA Datasheet
628Kb / 16P
   High-performance Electrically Erasable Programmable Logic Device
More results

Similar Description - 5962-8984106KX

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
PALCE20V8 CYPRESS-PALCE20V8 Datasheet
352Kb / 14P
   Flash Erasable, Reprogrammable CMOS PAL Device
PAL20V8 CYPRESS-PAL20V8 Datasheet
287Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL Device
5962-8867004LA CYPRESS-5962-8867004LA Datasheet
337Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL Device
PALCE16V8 CYPRESS-PALCE16V8 Datasheet
300Kb / 13P
   Flash-Erasable Reprogrammable CMOS PAL Device
PALC22V10D CYPRESS-PALC22V10D Datasheet
684Kb / 11P
   FLASG ERASABLE REPROGRAMMABLE CMOS PAL DEVICE
PALCE20V8 CYPRESS-PALCE20V8_04 Datasheet
316Kb / 14P
   Flash-Erasable Reprogrammable CMOS PAL짰 Device
PALC22V10D CYPRESS-PALC22V10D_07 Datasheet
328Kb / 12P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALCE22V10 CYPRESS-PALCE22V10_96 Datasheet
387Kb / 13P
   Flash Erasable, Reprogrammable CMOS PAL짰 Device
PALC22V10B CYPRESS-PALC22V10B Datasheet
78Kb / 3P
   Reprogrammable CMOS PAL Device
PALC22V10 CYPRESS-PALC22V10 Datasheet
58Kb / 3P
   Reprogrammable CMOS PAL Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com