Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD4011BF Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # CD4011BF
Description  The CD4011B, CD4012B, and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4011BF Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD4011BF Datasheet HTML 2Page - Texas Instruments CD4011BF Datasheet HTML 3Page - Texas Instruments CD4011BF Datasheet HTML 4Page - Texas Instruments CD4011BF Datasheet HTML 5Page - Texas Instruments CD4011BF Datasheet HTML 6Page - Texas Instruments CD4011BF Datasheet HTML 7Page - Texas Instruments CD4011BF Datasheet HTML 8Page - Texas Instruments CD4011BF Datasheet HTML 9Page - Texas Instruments CD4011BF Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
JM38510/05051BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/05052BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
JM38510/05053BCA
ACTIVE
CDIP
J
14
1
None
Call TI
Level-NC-NC-NC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
10-Mar-2005
Addendum-Page 2


Similar Part No. - CD4011BF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011BF TI-CD4011BF Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4011BF TI1-CD4011BF Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
CD4011BF TI1-CD4011BF Datasheet
1Mb / 20P
[Old version datasheet]   CMOS NAND GATES
CD4011BF3A TI-CD4011BF3A Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4011BF3A TI1-CD4011BF3A Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
More results

Similar Description - CD4011BF

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N7334 SEME-LAB-2N7334 Datasheet
26Kb / 2P
   14 LEAD DUAL IN LINE QUAD
2N7336 SEME-LAB-2N7336 Datasheet
49Kb / 3P
   14 LEAD DUAL IN LINE QUAD
logo
Skyworks Solutions Inc.
DME SKYWORKS-DME Datasheet
1Mb / 20P
   Silicon Beam-Lead Schottky Mixer Diodes – Singles, Pairs, and Quads in Ceramic Hermetic Packages
April 18, 2017
logo
Japan Aviation Electron...
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
National Semiconductor ...
J22A NSC-J22A Datasheet
67Kb / 1P
   22 Lead Ceramic Dual-in-Line Package
logo
EPCOS
B65808N1005D002 EPCOS-B65808N1005D002 Datasheet
344Kb / 13P
   RM cores are supplied in sets
B65805-P EPCOS-B65805-P Datasheet
89Kb / 2P
   RM cores are supplied in sets
logo
Japan Aviation Electron...
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
   THESE CONTACTS ARE SUPPLIED IN REEL.
logo
EPCOS
B65807-P EPCOS-B65807-P Datasheet
90Kb / 2P
   RM cores are supplied in sets
B65811 EPCOS-B65811 Datasheet
236Kb / 9P
   RM cores are supplied in sets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com