Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CYW2330 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CYW2330
Description  Dual Serial Input PLL with 2.5-GHz and 600-MHz Prescalers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW2330 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CYW2330 Datasheet HTML 5Page - Cypress Semiconductor CYW2330 Datasheet HTML 6Page - Cypress Semiconductor CYW2330 Datasheet HTML 7Page - Cypress Semiconductor CYW2330 Datasheet HTML 8Page - Cypress Semiconductor CYW2330 Datasheet HTML 9Page - Cypress Semiconductor CYW2330 Datasheet HTML 10Page - Cypress Semiconductor CYW2330 Datasheet HTML 11Page - Cypress Semiconductor CYW2330 Datasheet HTML 12Page - Cypress Semiconductor CYW2330 Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CYW2330
PRELIMINARY
Document #: 38-07239 Rev. **
Page 11 of 13
Package Diagram
24-Pin Chip Scale Package (CSP 3.5 mm X 4.5 mm)


Similar Part No. - CYW2330

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2338 CYPRESS-CYW2338 Datasheet
262Kb / 12P
   Dual Serial Input PLL with 2.5- and 1.1-GHz Prescalers
More results

Similar Description - CYW2330

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW2331 CYPRESS-CYW2331 Datasheet
259Kb / 12P
   Dual Serial Input PLL with 2.0-GHz and 600-MHz Prescalers
CYW2338 CYPRESS-CYW2338 Datasheet
262Kb / 12P
   Dual Serial Input PLL with 2.5- and 1.1-GHz Prescalers
logo
Fujitsu Component Limit...
MB15E07L FUJITSU-MB15E07L Datasheet
289Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SR FUJITSU-MB15E07SR Datasheet
241Kb / 25P
   Single Serial Input PLL Frequency Synthesizer On-chip 2.5 GHz Prescaler
MB15E07 FUJITSU-MB15E07 Datasheet
233Kb / 22P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E07SL FUJITSU-MB15E07SL Datasheet
231Kb / 26P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
MB15E06 FUJITSU-MB15E06 Datasheet
223Kb / 23P
   Single Serial Input PLL Frequency Synthesizer On-Chip 2.5 GHz Prescaler
logo
LANSDALE Semiconductor ...
ML145151 LANSDALE-ML145151 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
Microsemi Corporation
PFD1K MICROSEMI-PFD1K Datasheet
1Mb / 19P
   8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
Rev D
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com