Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100BL Datasheet(PDF) 43 Page - Realtek Semiconductor Corp.

Part # RTL8100BL
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100BL Datasheet(HTML) 43 Page - Realtek Semiconductor Corp.

Back Button RTL8100BL Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 42Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 43Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 45Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 46Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 47Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
37
Track ID: JATR-1076-21 Rev. 1.5
RID: Revision ID Register
The Revision ID register is an 8-bit register that specifies the RTL8100B(L) controller revision number.
PIFR: Programming Interface Register
The programming interface register is an 8-bit register that identifies the programming interface of the RTL8100B(L)
controller. Because the PCI version 2.1 specification does not define any specific value for network devices, PIFR = 00h.
SCR: Sub-Class Register
The Sub-class register is an 8-bit register that identifies the function of the RTL8100B(L). SCR = 00h indicates that the
RTL8100B(L) is an Ethernet controller.
BCR: Base-Class Register
The Base-class register is an 8-bit register that broadly classifies the function of the RTL8100B(L). BCR = 02h indicates
that the RTL8100B(L) is a network controller.
CLS: Cache Line Size
Reads will return a 0, writes are ignored.
LTR: Latency Timer Register
Specifies, in units of PCI bus clocks, the value of the latency timer of the RTL8100B(L).
When the RTL8100B(L) asserts FRAMEB, it enables its latency timer to count. If the RTL8100B(L)
deasserts FRAMEB prior to count expiration, the content of the latency timer is ignored. Otherwise,
after the count expires, the RTL8100B(L) initiates transaction termination as soon as its GNTB is
deasserted. Software is able to read or write, and the default value is 00H.
HTR: Header Type Register
Reads will return a 0, writes are ignored.
BIST: Built-in Self Test
Reads will return a 0, writes are ignored.
IOAR: This register specifies the BASE IO address which is required to build an address map during configuration. It also
specifies the number of bytes required as well as an indication that it can be mapped into IO space.
Bit
Symbol
Description
31-8
IOAR31-8 BASE IO Address: This is set by software to the Base IO address for the operational register map.
7-2
IOSIZE
Size Indication: Read back as 0. This allows the PCI bridge to determine that the RTL8100B(L)
requires 256 bytes of IO space.
1
-
Reserved
0
IOIN
IO Space Indicator: Read only. Set to 1 by the RTL8100B(L) to indicate that it is capable of being
mapped into IO space.
MEMAR: This register specifies the base memory address for memory accesses to the RTL8100B(L) operational registers. This
register must be initialized prior to accessing any RTL8100B(L)'s register with memory access.
Bit
Symbol
Description
31-8
MEM31-8 Base Memory Address: This is set by software to the base address for the operational register map.
7-4
MEMSIZE Memory Size: These bits return 0, which indicates that the RTL8100B(L) requires 256 bytes of
Memory Space.
3
MEMPF
Memory Prefetchable: Read only. Set to 0 by the RTL8100B(L).
2-1
MEMLOC Memory Location Select: Read only. Set to 0 by the RTL8100B(L). This indicates that the base
register is 32-bit wide and can be placed anywhere in the 32-bit memory space.
0
MEMIN
Memory Space Indicator: Read only. Set to 0 by the RTL8100B(L) to indicate that it is capable of
being mapped into memory space.


Similar Part No. - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com