Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100BL Datasheet(PDF) 28 Page - Realtek Semiconductor Corp.

Part # RTL8100BL
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100BL Datasheet(HTML) 28 Page - Realtek Semiconductor Corp.

Back Button RTL8100BL Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8100BL Datasheet HTML 32Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
22
Track ID: JATR-1076-21 Rev. 1.5
6.13. CONFIG 3: Configuration Register3
(Offset 0059h, R/W)
Bit
R/W
Symbol
Description
7
R
GNTSel
Gnt Select: Select the Frame’s asserted time after the Grant signal has been
asserted. The Frame and Grant are the PCI signals.
0: No delay
1: delay one clock from GNT assertion.
6
R/W
PARM_En
Parameter Enable: (Used in 100Mbps mode only)
This set to 0 and the 9346CR register EEM1=EEM0=1 will enable the PHY1_PARM,
PHY2_PARM,and TW_PARMregisterstobewrittenviasoftware.
This set to 1 will allow parameters to be auto-loaded from the 93C46 and
disable writing to the PHY1_PARM, PHY2_PARM and TW_PARM
registers via software.
The PHY1_PARM and PHY2_PARM can be auto-loaded from the
EEPROM in this mode. The parameter auto-load process is executed every
time the Link is OK in 100Mbps mode.
5
R/W
Magic
Magic Packet: This bit is valid when the PWEn bit of the CONFIG1
register is set. The RTL8100B(L) will assert the PMEB signal to wakeup the
operating system when the Magic Packet is received.
Once the RTL8100B(L) has been enabled for Magic Packet wakeup and has
been put into adequate state, it scans all incoming packets addressed to the
node for a specific data sequence, which indicates to the controller that this
is a Magic Packet frame. A Magic Packet frame must also meet the basic
requirements of:
Destination address + Source address + data + CRC
The destination address may be the node ID of the receiving station or a
multicast address, which includes the broadcast address.
The specific sequence consists of 16 duplications of 6 byte ID registers,
with no breaks or interrupts. This sequence can be located anywhere within
the packet, but must be preceded by a synchronization stream, 6 bytes of
FFh. The device will also accept a multicast address, as long as the 16
duplications of the IEEE address match the address of the ID registers.
If the Node ID is 11h 22h 33h 44h 55h 66h, then the magic frame’s format
is similar to the following:
Destination address + source address + MISC + FF FF FF FF FF FF +
MISC + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22
33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 +
11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55
66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33 44 55 66 + 11 22 33
44 55 66 + 11 22 33 44 55 66 + MISC + CRC
4
R/W
LinkUp
Link Up: This bit is valid when the PWEn bit of CONFIG1 register is set.
The RTL8100B(L), in adequate power state, will assert the PMEB signal to
wakeup the operating system when the cable connection is re-established.
3-1
-
-
Reserved
0
R
FBtBEn
Fast Back to Back Enable: Set to 1 to enable Fast Back to Back.


Similar Part No. - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100BL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com