Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101E-GR Datasheet(PDF) 20 Page - Realtek Semiconductor Corp.

Part # RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 20 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
15
Track ID: JATR-1076-21
Rev. 1.1
When the RTL8101E is in power down mode, e.g., D1-D3, the IO and MEM accesses to the RTL8101E
are disabled. After a PERSTB assertion, the device’s power state is restored to D0 automatically if the
original power state was D3cold. There is almost no hardware delay at the device’s power state transition.
When in ACPI mode, the device does not support PME (Power Management Enable) from D0 (this is the
Realtek default setting of the PMC register auto-loaded from EEPROM). The setting may be changed
from the EEPROM, if required.
6.6. Vital Product Data (VPD)
Bit 31 of the Vital Product Data (VPD) capability structure in the RTL8101E’s PCI Configuration Space
is used to issue VPD read/write commands and is also a flag used to indicate whether the transfer of data
between the VPD data register and the 93C46/93C56 has completed or not.
Write VPD register: (write data to the 93C46/93C56)
Set the flag bit to 1 at the same time the VPD address is written to write VPD data to EEPROM.
When the flag bit is reset to 0 by the RTL8101E, the VPD data (4 bytes per VPD access) has
been transferred from the VPD data register to EEPROM.
Read VPD register: (read data from the 93C46/93C56)
Reset the flag bit to 0 at the same time the VPD address is written to retrieve VPD data from
EEPROM. When the flag bit is set to 1 by the RTL8101E, the VPD data (4 bytes per VPD
access) has been transferred from EEPROM to the VPD data register.
Note1: Refer to the PCI 2.2 Specifications for further information.
Note2: The VPD address must be a DWORD-aligned address as defined in the PCI 2.2 Specifications.
VPD data is always consecutive 4-byte data starting from the VPD address specified.
Note3: Realtek reserves offset 40h to 7Fh in EEPROM, mainly for VPD data to be stored.
Note4: The VPD function of the RTL8101E is designed to be able to access the full range of the
93C46/93C56 EEPROM.


Similar Part No. - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com