Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8101E-GR Datasheet(PDF) 21 Page - Realtek Semiconductor Corp.

Part No. RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 21 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
16
Track ID: JATR-1076-21
Rev. 1.1
7.
Characteristics
7.1. Absolute Maximum Ratings
WARNING: Absolute maximum ratings are limits beyond which permanent damage may be caused to
the device, or device reliability will be affected. All voltages are specified reference to GND unless
otherwise specified.
Table 11. Absolute Maximum Ratings
Symbol
Description
Minimum
Maximum
Unit
VDD33, AVDD33
Supply Voltage 3.3V
-0.5
4.6
V
AVDD18, EVDD18
Supply Voltage 1.8V
-0.5
2.1
V
VDD15
Supply Voltage 1.5V
-0.5
2
V
DCinput
Input Voltage
-0.5
Corresponding Supply Voltage + 0.5
V
DCoutput
Output Voltage
-0.5
Corresponding Supply Voltage + 0.5
V
Storage Temperature
-55
+125
°C
* Refer to the most updated schematic circuit for correct configuration.
7.2. Recommended Operating Conditions
Table 12. Recommended Operating Conditions
Description
Pins
Minimum
Typical
Maximum
Unit
VDD33, AVDD33
3.0
3.3
3.6
V
AVDD18,
EVDD18
1.62
1.8
1.98
V
Supply Voltage VDD
VDD15
1.35
1.5
1.65
V
Ambient Temperature TA
0
70
°C
Maximum Junction
Temperature
125
°C
* Refer to the most updated schematic circuit for correct configuration.
7.3. Crystal Requirements
Table 13. Crystal Requirements
Symbol
Description/Condition
Minimum
Typical
Maximum
Unit
Fref
Parallel resonant crystal reference frequency,
fundamental mode, AT-cut type.
25
MHz
Fref Stability
Parallel resonant crystal frequency stability,
fundamental mode, AT-cut type. Ta=25°C.
-50
+50
ppm
Fref Tolerance
Parallel resonant crystal frequency tolerance,
fundamental mode, AT-cut type.
Ta=-20°C ~+70°C.
-30
+30
ppm
Fref
Duty Cycle
Reference clock input duty cycle.
40
60
%
CL
Load Capacitance.
pF
ESR
Equivalent Series Resistance.
DL
Drive Level.
0.5
mW


Similar Part No. - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
Intel Corporation
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz