Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8101E-GR Datasheet(PDF) 22 Page - Realtek Semiconductor Corp.

Part No. RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 22 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
17
Track ID: JATR-1076-21
Rev. 1.1
7.4. Thermal Characteristics
Table 14. Thermal Characteristics
Parameter
Minimum
Maximum
Units
Storage Temperature
-55
+125
°C
Ambient Operating
Temperature
0
70
°C
7.5. DC Characteristics
Table 15. DC Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VDD33,
AVDD33
3.3V Supply Voltage
3.0
3.3
3.6
V
AVDD18,
EVDD18
1.8V Supply Voltage
1.62
1.8
1.98
V
VDD15
1.5V Supply Voltage
1.35
1.5
1.65
V
Voh
Minimum High Level
Output Voltage
Ioh = -8mA
0.9 * VDD33
VDD33
V
Vol
Maximum Low Level
Output Voltage
Iol = 8mA
0.1 * VDD33
V
Vih
Minimum High Level
Input Voltage
0.5 * VDD33
VDD33+0.5
V
Vil
Maximum Low Level
Input Voltage
-0.5
0.3 * VDD33
V
Iin
Input Current
Vin = VDD33 or
GND
-1.0
1.0
µA
Icc33
Average Operating
Supply Current from
3.3V
TBD
mA
Icc18
Average Operating
Supply Current from
1.8V
TBD
mA
Icc15
Average Operating
Supply Current from
1.5V
TBD
mA
* Refer to the most updated schematic circuit for correct configuration.


Similar Part No. - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
Intel Corporation
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com