Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

RTL8101E-GR Datasheet(PDF) 24 Page - Realtek Semiconductor Corp.

Part No. RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 24 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 28Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
19
Track ID: JATR-1076-21
Rev. 1.1
7.7. PCI Express Bus Parameters
7.7.1.
Differential Transmitter Parameters
Table 17. Differential Transmitter Parameters
Symbol
Parameter
Min
Typical
Max
Units
UI
Unit Interval2
399.88
400
400.12
ps
VTX-DIFFp-p
Differential Peak to Peak Output Voltage
0.800
1.2
V
VTX-DE-RATIO
De-Emphasized Differential Output Voltage (Ratio)
-3.0
-3.5
-4.0
dB
TTX-EYE
Minimum Tx Eye Width
0.70
UI
TTX-EYE-MEDIAN-
to-MAX-JITTER
Maximum time between the jitter median and
maximum deviation from the median
0.15
UI
TTX-RISE, TTX-FALL
D+/D- Tx Output Rise/Fall Time
0.125
UI
VTX-CM-ACp
RMS AC Peak Common Mode Output Voltage
20
mV
VTX-CM-DCACTIVE-
IDLEDELTA
Absolute Delta of DC Common Mode Voltage During
L0 and Electrical Idle
0
100
mV
VTX-CM-DCLINE-
DELTA
Absolute Delta of DC Common Mode Voltage between
D+ and D-
0
25
mV
VTX-IDLE-DIFFp
Electrical Idle Differential Peak Output Voltage
0
20
mV
VTX-RCV-DETECT
The amount of voltage change allowed during
Receiver Detection
600
mV
VTX-DC-CM
The TX DC Common Mode Voltage
0
3.6
V
ITX-SHORT
TX Short Circuit Current Limit
90
mA
TTX-IDLE-MIN
Minimum time spent in Electrical Idle
50
UI
TTX-IDLE- SETTO-IDLE
Maximum time to transition to a valid Electrical Idle
after sending an Electrical Idle ordered set
20
UI
TTX-IDLE-TOTO-
DIFF-DATA
Maximum time to transition to valid TX specifications
after leaving an Electrical Idle condition
20
UI
RLTX-DIFF
Differential Return Loss
12
dB
RLTX-CM
Common Mode Return Loss
6
dB
ZTX-DIFF-DC
DC Differential TX Impedance
80
100
120
ZTX-DC
Transmitter DC Impedance
40
LTX-SKEW
Lane-to-Lane Output Skew
500+2
UI
ps
CTX
AC Coupling Capacitor
75
200
nF
Tcrosslink
Crosslink Random Timeout
0
1
ms
Note1: Refer to PCI Express Base Specification, rev.1.0a, for correct measurement environment setting of each
parameter.
Note2: The data rate can be modulated with an SSC (Spread Spectrum Clock) from +0 to -0.5% of the nominal data rate
frequency, at a modulation rate in the range not exceeding 30 kHz – 33 kHz. The +/- 300 ppm requirement still holds,
which requires the two communicating ports be modulated such that they never exceed a total of 600 ppm difference.


Similar Part No. - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart No.DatasheetDescription
Realtek Semiconductor Corp.
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
List of Unclassifed Manufacturers
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
Intel Corporation
Intel Corporation
82551IT INTEL-82551IT Datasheet
736Kb / 102P
   Fast Ethernet PCI Controller
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz