Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100B-LF Datasheet(PDF) 13 Page - Realtek Semiconductor Corp.

Part # RTL8100B-LF
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100B-LF Datasheet(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL8100B-LF Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8100B-LF Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
7
Track ID: JATR-1076-21 Rev. 1.5
5.6.
Attachment Unit Interface
Symbol
Type
Pin No
Description
TXD+
TXD-
O
O
72
71
100/10BASE-T transmit (Tx) data.
RXIN+
RXIN-
I
I
68
67
100/10BASE-T receive (Rx) data.
X1
I
61
25 MHz crystal/OSC. input.
X2
O
60
Crystal feedback output: This output is used in crystal connection only.
It must be left open when X1 is driven with an external 25 MHz oscillator.
5.7.
Test And Other Pins
Symbol
Type
Pin No
Description
RTT3
TEST
63
Chip test pin.
RTSET
I/O
65
This pin must be pulled low by a resistor. Please refer to the application
circuit for correct value.
VCTRL
Analog
55
Use this pin and an external PNP type transistor to generate +2.5V for
the RTL8100B(L).
NC
-
7, 35, 40, 52, 53, 54,
69, 76, 78
Reserved


Similar Part No. - RTL8100B-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BQFP ETC1-RTL8100BQFP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100B-LF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com