Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101L Datasheet(PDF) 55 Page - Realtek Semiconductor Corp.

Part # RTL8101L
Description  SINGLE-CHIP FAST ETHERNET CONTROLLER
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101L Datasheet(HTML) 55 Page - Realtek Semiconductor Corp.

Back Button RTL8101L Datasheet HTML 51Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 52Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 53Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 54Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 55Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 56Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 57Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 58Page - Realtek Semiconductor Corp. RTL8101L Datasheet HTML 59Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 96 page
background image
RTL8101L
Datasheet
Single-Chip Fast Ethernet Controller and MC’97
Controller w/Power Management
45
Track ID: JATR-1076-21 Rev. 1.5
Bit
R/W
Symbol
Description
4
R/W
ACLINK_WIE
AC-LINK Wake-up Interrupt Enable.
1: Enable an interrupt when MC’97 issues a wake-up event on AC-LINK
0: Disable
When disabled, an AC-LINK wake-up event does not trigger an
interrupt, but an AC-LINK wake-up event (ACLINK_WES) is still
indicated in INTSR.4
3
R/W
ACLINK_OFF
AC-LINK Shut Off
1: Drive all AC-LINK outputs low if AC97_BITCLK is stopped, also
disable Line-In buffer. It’s software’s responsibility to set this bit after
power-down MC’97 command to enable AC-LINK wake-up event
function. It means that wake-up functions defined in bit[5:4] and
ACLINK_WES (INTSR.4) will be effective when this bit is set
0: Normal operation
2
R/W
ACLINK_WRST
MC’97 Warm Reset.
1: Writing a ‘1’ to drive AC97_SYNC high at least 1.2us
Writing a ‘1’ to this bit only effective while AC97_BITCLK is
stopped. If software wants to issue a warm reset while AC97_BITCLK
is running, the write is ignored and this bit is unchanged
0: No effect (normal)
This bit is auto cleared by hardware after warm reset had been issued.
1
R/W
ACLINK_CRST
MC’97 Cold Reset.
1: Writing a ‘1’ to drive AC97_RESET# low for at least 1.2µs
0: No effect (normal, AC97_RESET# kept as high)
This bit is auto set by hardware after cold reset had been issued.
0
R/W
GPIE
GPI Interrupt Enable.
1: The change on GPI Interrupt Status (AC-LINK status bit-0 of
slot-12) will cause an interrupt on the PCI interface
0: Interrupt is not generated even if GPI Interrupt Status is set
Note 1: AC-LINK wake-up event: AC97_SDATAIN is resumed high when AC-LINK signals are shut off.
Note 2: Bit 5 and bit 3 are sticky bits preserved by consuming power from Vaux.
8.16. MC’97-Link Status and Index Register
(Offset 0022h-0023h, R/W)
Table 54. MC’97-Link Status and Index Register
Bit
R/W
Symbol
Description
15
R
ACLINK_BZ
AC-LINK busy.
1: AC-LINK is busy with an MC’97 register read/write transaction
0: No access is in progress
It is set when controller is doing an AC-LINK read/write transaction, it is auto
cleared by hardware after the transaction has been finished or AC-LINK Read
Time-Out is set. Software should check this bit before doing an AC-LINK
Read/Write command. Any written data into bit[7:0] before this bit is cleared
by HW will be ignored.
14
R
MC_RDY
1: MC’97 is in ready state. This bit indicates the state of bit-15 in slot-0 of
AC97_SDATAIN
0: MC’97 is not ready


Similar Part No. - RTL8101L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8101LLQFP ETC1-RTL8101LLQFP Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8101LQFP ETC1-RTL8101LQFP Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8101L

ManufacturerPart #DatasheetDescription
logo
Davicom Semiconductor, ...
DM9102D DAVICOM-DM9102D Datasheet
568Kb / 70P
   Single Chip Fast Ethernet NIC Controller
DM9102DEP DAVICOM-DM9102DEP Datasheet
58Kb / 3P
   Single Chip Fast Ethernet NIC Controller
logo
List of Unclassifed Man...
DM9102A ETC-DM9102A Datasheet
459Kb / 77P
   Single Chip Fast Ethernet NIC controller
logo
Macronix International
MX98715AEC-D MCNIX-MX98715AEC-D Datasheet
255Kb / 40P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
MX98725 ETC1-MX98725 Datasheet
177Kb / 33P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
Davicom Semiconductor, ...
DM9102HEP DAVICOM-DM9102HEP Datasheet
41Kb / 3P
   Single Chip Fast Ethernet NIC Controller
DM9102H DAVICOM-DM9102H Datasheet
965Kb / 77P
   Single Chip Fast Ethernet NIC Controller
logo
Macronix International
MX98715A MCNIX-MX98715A Datasheet
215Kb / 32P
   SINGLE CHIP FAST ETHERNET NIC CONTROLLER
MX98L715BEC MCNIX-MX98L715BEC Datasheet
578Kb / 50P
   3.3V SINGLE CHIP FAST ETHERNET NIC CONTROLLER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com