Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100B-GR Datasheet(PDF) 34 Page - Realtek Semiconductor Corp.

Part # RTL8100B-GR
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100B-GR Datasheet(HTML) 34 Page - Realtek Semiconductor Corp.

Back Button RTL8100B-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 38Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
28
Track ID: JATR-1076-21 Rev. 1.5
6.22. Auto-Negotiation Expansion Register
(Offset 006Ah-006Bh, R)
This register contains additional status for NWay auto-negotiation.
Bit
Name
Description/Usage
Default/Attribute
15-5
-
Reserved, This bit is always set to 0.
-
4
MLF
Status indicating if a multiple link fault has occurred.
1 = fault occurred; 0 = no fault occurred.
0, RO
3
LP_NP_ABLE
Status indicating if the link partner supports Next Page negotiation.
1 = supported; 0 = not supported.
0, RO
2
NP_ABLE
This bit indicates if the local node is able to send additional Next
Pages.
0, RO
1
PAGE_RX
This bit is set when a new Link Code Word Page has been received.
The bit is automatically cleared when the auto-negotiation link
partner’s ability register (register 5) is read by management.
0, RO
0
LP_NW_ABLE
1 = link partner supports NWay auto-negotiation.
0, RO
6.23. Disconnect Counter
(Offset 006Ch-006Dh, R)
Bit
Name
Description/Usage
Default/Attribute
15-0
DCNT
This 16-bit counter increments by 1 for every disconnect event. It
rolls over when becomes full. It is cleared to zero by read
command.
h'[0000],
R
6.24. False Carrier Sense Counter
(Offset 006Eh-006Fh, R)
This counter provides information required to implement the “FalseCarriers” attribute within the MAU managed object class of
Clause 30 of IEEE 802.3u specification.
Bit
Name
Description/Usage
Default/Attribute
15-0
FCSCNT
This 16-bit counter increments by 1 for each false carrier event. It is
cleared to zero by read command.
h'[0000],
R


Similar Part No. - RTL8100B-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BQFP ETC1-RTL8100BQFP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100B-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com