Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100B-GR Datasheet(PDF) 36 Page - Realtek Semiconductor Corp.

Part # RTL8100B-GR
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100B-GR Datasheet(HTML) 36 Page - Realtek Semiconductor Corp.

Back Button RTL8100B-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 34Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 35Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 36Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8100B-GR Datasheet HTML 40Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
30
Track ID: JATR-1076-21 Rev. 1.5
6.28. Config5: Configuration Register 5
(Offset 00D8h, R/W)
This register, unlike other Config registers, is not protected by 93C46 Command register. I.e. there is no
need to enable Config register write prior to writing to Config5.
Bit
R/W
Symbol
Description
7
-
-
Reserved
6
R/W
BWF
Broadcast Wakeup Frame:
1: Enable Broadcast Wakeup Frame with mask bytes of only DID
field = FF FF FF FF FF FF.
0: Default value. Disable Broadcast Wakeup Frame with mask bytes
of only DID field = FF FF FF FF FF FF.
The power-on default value of this bit is 0.
5
R/W
MWF
Multicast Wakeup Frame:
1: Enable Multicast Wakeup Frame with mask bytes of only DID
field, which is a multicast address.
0: Default value. Disable Multicast Wakeup Frame with mask bytes
of only DID field, which is a multicast address.
The power-on default value of this bit is 0.
4
R/W
UWF
Unicast Wakeup Frame:
1: Enable Unicast Wakeup Frame with mask bytes of only DID
field, which is its own physical address.
0: Default value. Disable Unicast Wakeup Frame with mask bytes of
only DID field, which is its own physical address.
The power-on default value of this bit is 0.
3
R/W
FIFOAddrPtr
FIFO Address Pointer: (Realtek internal use only to test FIFO SRAM)
1: Both Rx and Tx FIFO address pointers are updated in descending
way from 1FFh and downwards. The initial FIFO address pointer is
1FFh.
0: (Power-on) default value. Both Rx and Tx FIFO address pointers
are updated in ascending way from 0 and upwards. The initial FIFO
address pointer is 0.
Note: This bit does not participate in EEPROM auto-load. The FIFO
address pointers can not be reset, except initial power-on.
The power-on default value of this bit is 0.
2
R/W
LDPS
Link Down Power Saving mode:
1: Disable.
0: Enable. When cable is disconnected (Link Down), the analog part
will power down itself (PHY Tx part & part of twister) automatically
except PHY Rx part and part of twister to monitor SD signal in case
that cable is re-connected and Link should be established again.
1
R/W
LANWake
LANWake signal enable/disable:
1: Enable LANWake signal.
0: Disable LANWake signal.
0
R/W
PME_STS
PME_Status bit: Always sticky/can be reset by PCI RST# and
software.
1: The PME_Status bit can be reset by PCI reset or by software.
0: The PME_Status bit can only be reset by software.
Config5 register, offset D8h: (SYM_ERR register is changed to Config5, the function of SYM_ERR register is no longer
supported by RTL8100B(L).)
The 3 bits (bit2-0) are auto-loaded from EEPROM Config5 byte to RTL8100B(L) Config5 register.


Similar Part No. - RTL8100B-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BQFP ETC1-RTL8100BQFP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100B-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com