Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8100BL-GR Datasheet(PDF) 26 Page - Realtek Semiconductor Corp.

Part # RTL8100BL-GR
Description  SINGLE-CHIP 10/100MBPS ETHERNET CONTROLLER WITH POWER MANAGEMENT
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8100BL-GR Datasheet(HTML) 26 Page - Realtek Semiconductor Corp.

Back Button RTL8100BL-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8100BL-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 66 page
background image
RTL8100B(L)
Datasheet
Single-Chip 10/100 Ethernet Controller w/Power Management
20
Track ID: JATR-1076-21 Rev. 1.5
6.11. CONFIG 1: Configuration Register 1
(Offset 0052h, R/W)
Bit
R/W
Symbol
Description
7-6
R/W
LEDS1-0
Refer to LED PIN definition. These bits initial value come from 93C46.
5
R/W
DVRLOAD
Driver Load: Software may use this bit to make sure that the driver has been
loaded. Writing 1 is 1. Writing 0 is 0. When the command register bits IOEN,
MEMEN, and BMEN of the PCI configuration space are written, the
RTL8100B(L) will clear this bit automatically.
LWAKE active mode: The LWACT bit and LWPTN bit in CONFIG4 register
are used to program the LWAKE pin’s output signal. According to the
combination of these two bits, there may be 4 choices of LWAKE signal, i.e.,
active high, active low, positive (high) pulse, and negative (low) pulse. The
output pulse width is about 150ms.
The default value of each of these two bits is 0, i.e., the default output signal of
LWAKE pin is an active high signal.
LWACT
LWAKE output
0
1
0
Active high*
Active low
LWPTN
1
Positive pulse
Negative pulse
4
R/W
LWACT
* Default value.
3
R
MEMMAP
Memory Mapping: The operational registers are mapped into PCI memory space.
2
R
IOMAP
I/O Mapping: The operational registers are mapped into PCI I/O space.
1
R/W
VPD
Set to enable Vital Product Data: The VPD data is stored in 93C46 from within
offset 40h-7Fh.
0
R/W
PMEn
Power Management Enable:
Writable only when 93C46CR register EEM1=EEM0=1
Let A denote the New_Cap bit (bit 4 of the Status Register) in the PCI
Configuration space offset 06H.
Let B denote the Cap_Ptr register in the PCI Configuration space offset 34H.
Let C denote the Cap_ID (power management) register in the PCI Configuration
space offset 50H.
Let D denote the power management registers in the PCI Configuration space
offset from 52H to 57H.
Let E denote the Next_Ptr (power management) register in the PCI Configuration
space offset 51H.
PMEn Description
0
A=B=C=E=0, D not valid
1
A=1, B=50h, C=01h, D valid, E=0


Similar Part No. - RTL8100BL-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8100BL ETC1-RTL8100BL Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8100BLLQTP ETC1-RTL8100BLLQTP Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
More results

Similar Description - RTL8100BL-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8139D ETC2-RTL8139D Datasheet
677Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139D REALTEK-RTL8139D Datasheet
683Kb / 67P
   SINGLE-CHIP MULTI-FUNCTION 10/100Mbps ETHERNET CONTROLLER WITH POWER
logo
List of Unclassifed Man...
RTL8100C ETC1-RTL8100C Datasheet
652Kb / 73P
   SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
Realtek Semiconductor C...
RTL8139C REALTEK-RTL8139C Datasheet
730Kb / 67P
   3.3V SINGLE-CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
logo
List of Unclassifed Man...
RTL8100B ETC1-RTL8100B Datasheet
657Kb / 58P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
RTL8139C ETC-RTL8139C Datasheet
648Kb / 62P
   REALTEK 3.3V SINGLE CHIP FAST ETHERNET CONTROLLER WITH POWER MANAGEMENT
RTL8101L ETC1-RTL8101L Datasheet
878Kb / 68P
   REALTEK SINGLE CHIP FAST ETHERNET CONTROLLER AND MC97 CONTROLLER WITH POWER MANAGEMENT
RTL8309SB ETC1-RTL8309SB Datasheet
866Kb / 115P
   SINGLE-CHIP 9-PORT 10/100MBPS SWITCH CONTROLLER
logo
Davicom Semiconductor, ...
DM9332 DAVICOM-DM9332 Datasheet
387Kb / 61P
   10/100Mbps Ethernet Fiber/Twisted Pair Single Chip Media Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com