Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8110S-32 Datasheet(PDF) 23 Page - Realtek Semiconductor Corp.

Part # RTL8110S-32
Description  INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8110S-32 Datasheet(HTML) 23 Page - Realtek Semiconductor Corp.

Back Button RTL8110S-32 Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8110S-32 Datasheet HTML 27Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
RTL8110S-32
Datasheet
Integrated Gigabit Ethernet Controller (LOM)
17
Track ID: JATR-1076-21
Rev. 1.8
6.6. EEPROM Interface
The RTL8110S supports the attachment of an external EEPROM. The 93C46 is a 1K-bit EEPROM (the
93C56 is a 2K-bit EEPROM). The EEPROM interface provides the ability for the RTL8110S to read
from and write data to an external serial EEPROM device.
Values in the external EEPROM allow default fields in PCI configuration space and I/O space to be
overridden following a reboot or software EEPROM auto load command. The RTL8110S will auto load
values from the EEPROM. If the EEPROM is not present, the RTL8110S initialization uses default
values for the appropriate Configuration and Operational Registers. Software can read and write to the
EEPROM using ‘bit-bang’ accesses via the 9346CR Register. The interface consists of EESK, EECS,
EEDO, and EEDI.
Table 10. EEPROM Interface
EEPROM
Description
EECS
93C46 (93C56) chip select.
EESK
EEPROM serial data clock.
EEDI/Aux
Input data bus/Input pin to detect if Aux. Power exists or not on initial power-on.
This pin should be connected to Boot PROM. To support wakeup from ACPI D3cold
or APM power-down, this pin must be pulled high to aux. power via a resistor. If this
pin is not pulled high to Aux. Power, the RTL8110S assumes that no Aux. Power
exists.
EEDO
Output data bus.
6.7. Power Management
The RTL8110S is compliant with ACPI (Rev 1.0, 1.0b, 2.0), PCI Power Management (Rev 1.1), and
Network Device Class Power Management Reference Specification (V1.0a), such as to support an
OS-directed Power Management (OSPM) environment.
The RTL8110S can monitor the network for a Wakeup Frame, a Magic Packet, or a Re-LinkOk, and
notify the system via PME# when such a packet or event occurs. Then, the whole system can be restored
to a normal state to process incoming jobs.


Similar Part No. - RTL8110S-32

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8110SB-VD REALTEK-RTL8110SB-VD Datasheet
927Kb / 49P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
RTL8110SB-VD-LF REALTEK-RTL8110SB-VD-LF Datasheet
927Kb / 49P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
RTL8110SBL-VD REALTEK-RTL8110SBL-VD Datasheet
927Kb / 49P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
RTL8110SBL-VD-LF REALTEK-RTL8110SBL-VD-LF Datasheet
927Kb / 49P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
RTL8110SC REALTEK-RTL8110SC Datasheet
926Kb / 43P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM) (MiniPCI)
More results

Similar Description - RTL8110S-32

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8110SB-VD REALTEK-RTL8110SB-VD Datasheet
927Kb / 49P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM)
RTL8110SC-GR REALTEK-RTL8110SC-GR Datasheet
926Kb / 43P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (LOM) (MiniPCI)
RTL8111E-VL-CG REALTEK-RTL8111E-VL-CG Datasheet
593Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8111 REALTEK-RTL8111 Datasheet
924Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8169SC REALTEK-RTL8169SC Datasheet
1Mb / 47P
   INTEGRATED GIGABIT ETHERNET CONTROLLER
RTL8169SB REALTEK-RTL8169SB Datasheet
1Mb / 51P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (NIC)
RTL8169S-32 REALTEK-RTL8169S-32_04 Datasheet
1,003Kb / 55P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (NIC)
RTL8169S-32 REALTEK-RTL8169S-32 Datasheet
844Kb / 52P
   INTEGRATED GIGABIT ETHERNET CONTROLLER (NIC)
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
   Gigabit Ethernet Controller
June 6, 2006
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
   Gigabit Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com