Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8111B-GR Datasheet(PDF) 19 Page - Realtek Semiconductor Corp.

Part # RTL8111B-GR
Description  INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8111B-GR Datasheet(HTML) 19 Page - Realtek Semiconductor Corp.

Back Button RTL8111B-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8111B-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
RTL8111B-GR
Datasheet
Integrated Gigabit Ethernet Controller for PCI Express
14
Track ID: JATR-1076-21
Rev. 1.4
Link Wakeup occurs only when the following conditions are met:
• The LinkUp bit (CONFIG3#4) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the
corresponding wake-up method (message, beacon, or LANWAKEB) can be asserted in the current
power state.
Magic Packet Wakeup occurs only when the following conditions are met:
• The destination address of the received Magic Packet is acceptable to the RTL8111B-GR, e.g., a
broadcast, multicast, or unicast packet addressed to the current RTL8111B-GR adapter.
• The received Magic Packet does not contain a CRC error.
• The Magic bit (CONFIG3#5) is set to 1, the PMEn bit (CONFIG1#0) is set to 1, and the
corresponding wake-up method (message, beacon, or LANWAKEB) can be asserted in the current
power state.
• The Magic Packet pattern matches, i.e. 6 * FFh + MISC (can be none) + 16 * DID (Destination ID) in
any part of a valid Ethernet packet.
A Wakeup Frame event occurs only when the following conditions are met:
• The destination address of the received Wakeup Frame is acceptable to the RTL8111B-GR, e.g., a
broadcast, multicast, or unicast address to the current RTL8111B-GR adapter.
• The received Wakeup Frame does not contain a CRC error.
• The PMEn bit (CONFIG1#0) is set to 1.
• The 16-bit CRCA of the received Wakeup Frame matches the 16-bit CRC of the sample Wakeup
Frame pattern given by the local machine’s OS. Or, the RTL8111B-GR is configured to allow direct
packet wakeup, e.g., a broadcast, multicast, or unicast network packet.
Note: 16-bit CRC: The RTL8111B-GR supports two normal wakeup frames (covering 64 mask bytes
from offset 0 to 63 of any incoming network packet) and three long wakeup frames (covering 128
mask bytes from offset 0 to 127 of any incoming network packet).
The corresponding wake-up method (message, beacon, or LANWAKEB) is asserted only when the
following conditions are met:
• The PMEn bit (bit0, CONFIG1) is set to 1.
• The PME_En bit (bit8, PMCSR) in PCI Configuration Space is set to 1.
• The RTL8111B-GR may assert the corresponding wake-up method (message, beacon, or
LANWAKEB) in the current power state or in isolation state, depending on the PME_Support
(bit15-11) setting of the PMC register in PCI Configuration Space.
• A Magic Packet, LinkUp, or Wakeup Frame has been received.
• Writing a 1 to the PME_Status (bit15) of the PMCSR register in the PCI Configuration Space clears
this bit and causes the RTL8111B-GR to stop asserting the corresponding wake-up method (message,
beacon, or LANWAKEB) (if enabled).


Similar Part No. - RTL8111B-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
More results

Similar Description - RTL8111B-GR

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com