Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1003S10L100CG Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS91L1003S10L100CG
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1003S10L100CG Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS91L1003S10L100CG Datasheet HTML 1Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1003S10L100CG Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
July 2004
AS91L1006BU
AS91L1006BU Detailed Mode of Operation
Addressing the AS91L1006BU device
After a Test-Logic-Reset or power-up, the
AS91L1006BU device will be in its Wait-for-
Selection state with its TDO pin tri-stated, thus
avoiding contention in a Multi-Drop environment.
The AS91L1006BU device will respond to a
device-select sequence for a particular address
that is auto generated by third party test tools with
respect to the address that is pre-loaded on its
S(5..0). Once this sequence has been completed,
the AS91L1006BU device will respond to normal
IEEE 1149.1 instructions. Note that addresses 60-
63 have been reserved and the AS91L1006BU
device will not respond if the user selects these
addresses.
The AS91L1006BU device should be in
the
Wait-for-Selection
mode,
which
can
be
entered into by issuing an asynchronous reset
(through the deassertion of TRST) or by issuing a
synchronous reset (through the assertion of TMS
for five cycles of TCK). After the device has been
selected,
it
can
be
issued
a
GOTOWAIT
instruction.
The internal IEEE1149.1 state machine of
the AS91L1006BU device is taken to the Shift-IR
phase and the required Device-ID is shifted into
the Instruction register. As the IEEE1149.1 state
machine passes through the Update-IR phase,
the address is matched to the value on the S(5-0)
pins on the AS91L1006BU device; if the values
match, then the AS91L1006BU device is selected
and is ready to receive any normal IEEE1149.1
command.
S(5-0) value
IR (7 – 0) value
< 3A hex or 60
decimal
XXVVVVVV
Table 1 - AS91L1006BU
Device Selection Table
www.alsc.com
Alliance Semiconductor
3
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1003S10L100CG

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1003S10L100CG

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com