Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HTG2190 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HTG2190
Description  8-Bit 1024 Pixel LCD Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HTG2190 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HTG2190 Datasheet HTML 2Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 3Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 4Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 5Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 6Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 7Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 8Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 9Page - Holtek Semiconductor Inc HTG2190 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Pad No.
Pad Name
I/O Mask Option
Description
71
RES
I
¾
Schmitt trigger reset input. Active low without
pull-high resistor.
72
PWM2/AUD
O
PWM2 CMOS
Output or
AUD Output
Selectable as negative PWM CMOS output or au-
dio output by mask option. PWM2 share pad with
AUD.
73
PB0/PWM1
I/O
or
O
I/O or
PWM1 CMOS
Output
Selectable as bidirectional input/output or posi-
tive PWM CMOS output by mask option. On
bidirectional input/output mode, software in-
structions determine whether each pad is a
CMOS output or Schmitt trigger input with
pull-high resistor. PB0 shares pad with PWM1.
74
PB7/TMR0
I/O
or
I
I/O or
TMR0 Input
Selectable as bidirectional input/output or
TMR0 input by mask option. On bidirectional
input/output mode, software instructions deter-
mine whether it is a CMOS output or Schmitt
trigger input with pull-high resistor. On TMR0
input mode, it uses Timer/Event Counter 0. Soft-
ware can be optioned with or without pull-high re-
sistor. PB7 shares pad with TMR0.
75
PB6/TMR1/RTF
I/O
or
I
I/O or
TMR1 Input
or
RTF Input
Selectable as bidirectional input/output or
TMR1 input or RTF input by mask option. On
bidirectional input/output mode, software instructions
determine whether it is a CMOS output or
Schmitt trigger input with pull-high resistor. On
TMR1 and RTF intput mode, it uses Timer/Event
Counter 1. Software can be optioned with or with-
out pull-high resister and be option the RTF func-
tion disable or enable. PB6 and TMR1 share pad
with RTF.
76
PB5/SCLK
I/O
I/O or
SCLK Signal
Selectable as bidirectional input/output or serial
interface clock signal by mask option. On
bidirectional input/output mode, software instructions
determine whether it is a CMOS output or
Schmitt trigger input .
Serial I/O interface clock signal.
At Master mode: SCLK should be set as serial
clock output pin and after 8 clock output from
SCLK terminal, clock output is automatically
suspended and SCLK terminal is fixed at a high
level.
At Slave mode: SCLK should be set as serial
clock input pin and after 8 clock input from
SCLK terminal, subsequent clock input are
masked. PB5 shares pad with SLCK
HTG2190
Rev. 1.00
6
June 29, 2001


Similar Part No. - HTG2190

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2190 HOLTEK-HTG2190 Datasheet
395Kb / 50P
   8-Bit 1024 Pixel Dot Matrix LCD MCU Series
HTG2190 HOLTEK-HTG2190_02 Datasheet
395Kb / 50P
   8-Bit 1024 Pixel Dot Matrix LCD MCU Series
More results

Similar Description - HTG2190

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150 Datasheet
316Kb / 49P
   8-Bit 320 Pixel LCD Microcontroller
HTG2190 HOLTEK-HTG2190_02 Datasheet
395Kb / 50P
   8-Bit 1024 Pixel Dot Matrix LCD MCU Series
logo
Texas Instruments
TC215 TI-TC215 Datasheet
307Kb / 19P
[Old version datasheet]   1024- 횞 1024-PIXEL CCD IMAGE SENSOR
logo
Finechips
MC96F6432 FINECHIPS-MC96F6432 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Integral Corp.
IZ7008 INTEGRAL-IZ7008 Datasheet
445Kb / 16P
   8-BIT MICROCONTROLLER WITH LCD DRIVER
logo
Finechips
MC96P6608 FINECHIPS-MC96P6608 Datasheet
84Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F6832 FINECHIPS-MC96F6832 Datasheet
85Kb / 1P
   8-bit Microcontroller with LCD Driver
MC96F7816 FINECHIPS-MC96F7816 Datasheet
86Kb / 1P
   8-bit Microcontroller with LCD Driver
logo
Holtek Semiconductor In...
HTG2150 HOLTEK-HTG2150_02 Datasheet
318Kb / 38P
   8-Bit 320 Pixel Dot Matrix LCD MCU Series
logo
Microchip Technology
PIC16C9XX MICROCHIP-PIC16C9XX Datasheet
1Mb / 189P
   8-Bit CMOS Microcontroller with LCD Driver
1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com