Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FQD6N50C Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FQD6N50C
Description  These N-Channel enhancement mode power field effect transistors are produced using Fairchild’s proprietary planar stripe, DMOS technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD6N50C Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FQD6N50C Datasheet HTML 1Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 2Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 3Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 4Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 5Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 6Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 7Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 8Page - Fairchild Semiconductor FQD6N50C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. B, June 2004
©2004 Fairchild Semiconductor Corporation
Electrical Characteristics
TC = 25°C unless otherwise noted
Notes:
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L = 26.6 mH, IAS = 4.5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
3. ISD ≤ 4.5A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
4. Pulse Test : Pulse width
≤ 300µs, Duty cycle ≤ 2%
5. Essentially independent of operating temperature
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
500
--
--
V
∆BVDSS
/
∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.8
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 500 V, VGS = 0 V
--
--
1
µA
VDS = 400 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 30 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -30 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2.0
--
4.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 2.25A
--
1.0
1.2
gFS
Forward Transconductance
VDS = 40 V, ID = 2.25A
(Note 4)
--
4.5
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
540
700
pF
Coss
Output Capacitance
--
80
105
pF
Crss
Reverse Transfer Capacitance
--
15
20
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 250 V, ID = 4.5A,
RG = 25 Ω
(Note 4, 5)
--
10
30
ns
tr
Turn-On Rise Time
--
35
80
ns
td(off)
Turn-Off Delay Time
--
55
120
ns
tf
Turn-Off Fall Time
--
45
100
ns
Qg
Total Gate Charge
VDS = 400 V, ID = 4.5A,
VGS = 10 V
(Note 4, 5)
--
19
25
nC
Qgs
Gate-Source Charge
--
2.8
--
nC
Qgd
Gate-Drain Charge
--
8.8
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
4.5
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
18
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 4.5 A
--
--
1.4
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 4.5 A,
dIF / dt = 100 A/µs
(Note 4)
--
260
--
ns
Qrr
Reverse Recovery Charge
--
1.6
--
µC


Similar Part No. - FQD6N50C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FQD6N50C ISC-FQD6N50C Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
Fairchild Semiconductor
FQD6N50CTM FAIRCHILD-FQD6N50CTM Datasheet
547Kb / 8P
   N-Channel QFET MOSFET 500 V, 4.5 A, 1.2
FQD6N50C FAIRCHILD-FQD6N50C_08 Datasheet
762Kb / 9P
   500V N-Channel MOSFET
More results

Similar Description - FQD6N50C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDPF10N60NZ FAIRCHILD-FDPF10N60NZ Datasheet
439Kb / 10P
   These N-Channel enhancement mode power field effect transistors are produced using Fairchild?셲 proprietary, planar stripe, DMOS technology.
logo
Shanghai Leiditech Elec...
LM6911 LEIDITECH-LM6911 Datasheet
1Mb / 5P
   These P-Channel enhancement mode power field effect transistors are using trench DMOS technology
logo
SHIKUES Electronics
SDW3045 SKTECHNOLGY-SDW3045 Datasheet
1,003Kb / 5P
   N-Channel enhancement mode power field effect transistors are using trench DMOS technology
SDW2065 SKTECHNOLGY-SDW2065 Datasheet
963Kb / 5P
   These dual N Channel enhancement mode power fieldeffect transistors are using trench DMOS technology.
logo
Stanson Technology
STN4488L STANSON-STN4488L Datasheet
644Kb / 7P
   STN4488L is the N-Channel logic enhancement mode power field effect transistors which are produced using high cell density DMOS trench technology.
STP9434 STANSON-STP9434 Datasheet
314Kb / 6P
   STP9434 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP4403 STANSON-STP4403 Datasheet
321Kb / 6P
   STP4403 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STP9235 STANSON-STP9235 Datasheet
331Kb / 6P
   STP9235 is the P-Channel logic enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
STN9926 STANSON-STN9926 Datasheet
648Kb / 7P
   The STN9926 is the Dual N-Channel logic enhancement mode power field effect transistors are produced using high cell density , DMOS trench technology.
logo
ACE Technology Co., LTD...
ACE632 ACE-ACE632 Datasheet
1Mb / 11P
   The ACE632 is the N- and P-Channel enhancement mode power field effect transistors are produced using high cell density, DMOS trench technology.
VER 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com