Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5710L Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HFBR-5710L
Description  Small Form Factor Pluggable Optical Transceiver for Gigabit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5710L Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HFBR-5710L Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5710L Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
Table 1. Regulatory Compliance
Feature
Test Method
Performance
Electrostatic Discharge (ESD)
JEDEC/EIA
Class 2 (> +2000 Volts)
to the Electrical Pins
JESD22-A114-A
Electrostatic Discharge (ESD)
Variation of IEC 6100-4-2
Typically withstands at least 25 kV without
to the Duplex LC Receptacle
damage when the duplex LC connector
receptacle is contacted by a Human Body
Model probe
Electromagnetic Interference
FCC Class B
Applications with high SFP port counts are
(EMI)
CENELEC EN55022 Class B
expected to be compliant; however, margins are
(CISPR 22A) VCCI Class 1
dependent on customer board and chassis design.
Immunity
Variation of IEC 61000-4-3
Typically shows a negligible effect from a
10 V/m field swept from 80 to 1000 MHz applied
to the transceiver without a chassis enclosure.
Eye Safety[1]
US FDA CDRH AEL Class 1
CDRH certification #9720151-13
EN(IEC)60825-1,2, EN60950
TUV file #E9971083.07
Class 1
Component Recognition
Underwriters Laboratories and
UL File #E173874
Canadian Standards Associa-
tion Joint Component Recognition
for Information Technology
Equipment Including Electrical
Business Equipment
Note:
1. Changes to IEC 60825-1,2 are currently anticipated to allow higher eye-safe Optical Output Power levels. Agilent may choose to take advantage of these
in future revisions to this part.
Figure 4. Typical application configuration.
LASER DRIVER
& EYE SAFETY
CIRCUITRY
50
50
SO1+
SO1–
AMPLIFICATION
&
QUANTIZATION
50
50
SI1+
SI1–
VREFR
TBC
EWRAP
RBC
RX_RATE
RX_LOS
GPIO(X)
GPIO(X)
GP14
TX_FAULT
GP04
SYNC
LOOP
SYN1
RC1(0:1)
RFCT
TX[0:9]
RX[0:9]
TX_FAULT
TX_DISABLE
VEET
RD+
RD–
RX_LOS
MOD_DEF2
EEPROM
MOD_DEF1
MOD_DEF0
REF_RATE
NOTE: * 4.7 k < RES < 10 k
VCCT,R
125 MHz
AGILENT
HFBR-5710L
VCCT
1 µH
1 µH
10 µF
0.1 µF
VCCT,R
VCCR
10
µF
0.1
µF
0.1
µF
AGILENT
HDMP-1687
R
RCM0
C
C
REFCLK
MAC
ASIC
*RES
*RES
*RES
*RES
VEER
TD+
TD–
C
C
R
*RES
HOUSING
GROUND
*RES


Similar Part No. - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5710L

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com