Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFBR-5710LP Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HFBR-5710LP
Description  Small Form Factor Pluggable Optical Transceiver for Gigabit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HFBR-5710LP Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HFBR-5710LP Datasheet HTML 1Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 2Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 3Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 4Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 5Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 6Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 7Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 8Page - Agilent(Hewlett-Packard) HFBR-5710LP Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Agilent HFBR-5710L/LP
Small Form Factor Pluggable
Optical Transceiver for Gigabit
Ethernet (1.25 GBd)
Data Sheet
Description
The HFBR-5710L optical
transceiver is compliant with the
specifications set forth in both the
IEEE802.3 (1000BASE-SX), and
the Small Form-Factor Pluggable
(SFP) Multi-Source Agreement
(MSA). Its primary application is
servicing Gigabit Ethernet links
between optical networking
equipment. It offers previously
unavailable system cost, upgrade,
and reliability benefits by virtue of
being hot-pluggable. Further, it
incorporates the latest 3.3 VDC
compatible transceiver technology
including an 850 nm VCSEL
transmitter as well as a convenient
LC-Duplex optical interface.
Applications
• Switch to switch interface
• Switched backplane applications
• File server interface
• iSCSI applications
Related Products
• HFBR-5701L: Dual specified 1.25
GBd Ethernet (1000BASE-SX) and
1.0625 GBd Fibre Channel (100-M5-
SN-I, 100-M6-SN-I) SFP
• HFBR-5720L: 2.125 GBd Fibre
Channel (200-M5-SN-I, 200-M6-SN-I)
Multi-Mode SFP
• HFBR-5730L: 1.0625 GBd Fibre
Channel (100-M5-SN-I, 100-M6-SN-I)
Multi-Mode SFP
• HDMP-1687: Quad Channel SerDes
IC 1.25 GBd Ethernet
• HDMP-1646A: Single Channel
SerDes IC for 1.25 GBd Ethernet and
1.0625 GBd Fibre Channel
Features
• IEEE 802.3 Gigabit Ethernet (1.25
GBd) 1000BASE-SX compliant
• Small Form Factor Pluggable (SFP)
Multi-Source Agreement (MSA)
compliant
• Manufactured in an ISO 9001
compliant facility
• Hot-pluggable
• Optional extended de-latch for
high density applications as shown
in Figure 10
– HFBR-5710LP extended de-latch
– HFBR-5710L standard de-latch
• +3.3 V DC power supply
• Industry leading EMI performance
for high port density
• 850 nm Vertical Cavity Surface
Emitting Laser (VCSEL)
• Eye safety certified:
– US 21 CFR(J)
– EN 60825-1 (+All)
• LC-Duplex fiber connector
compatible
• Fiber compatibility:
– 2 to 550 meters with 50/125
µm
fiber
– 2 to 275 meters with 62.5/125
µm
fiber


Similar Part No. - HFBR-5710LP

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-5710L BOARDCOM-HFBR-5710L Datasheet
820Kb / 25P
   1000BASE-T Small Form Pluggable Low Voltage (3.3 V) Electrical Transceiver over Category 5 Unshielded Twisted Pair Cable
More results

Similar Description - HFBR-5710LP

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
   Small Form Factor Pluggable (SFP) LC Optical Transceiver
HFBR-5911LZALZ AVAGO-HFBR-5911LZALZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver
logo
Delta Electronics, Inc.
LCP-1250RJ3SR DELTA-LCP-1250RJ3SR Datasheet
392Kb / 8P
   RoHS Compliant Copper Small Form-factor Pluggable (SFP) Transceiver for Gigabit Ethernet
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-5701L AVAGO-HFBR-5701L Datasheet
231Kb / 15P
   Small Form Factor Pluggable Optical Transceiver for Gigabit Ethernet (1.25 GBd) and Fibre Channel (1.0625 GBd)
HFBR-5911LZ AVAGO-HFBR-5911LZ Datasheet
387Kb / 12P
   Small Form Factor Optical Transceiver for Gigabit Ethernet (1.25 GBd) and iSCSI
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
   Small Form-factor Pluggable (SFP) Transceiver Modules
logo
TE Connectivity Ltd
408-32215 TEC-408-32215 Datasheet
277Kb / 4P
   Small Form-Factor Pluggable
logo
Delta Electronics, Inc.
LCP-1250A4FSRA DELTA-LCP-1250A4FSRA Datasheet
309Kb / 12P
   RoHS Compliant Small Form Factor Pluggable Transceiver for Gigabit Ethernet and Fiber Channel
logo
TE Connectivity Ltd
408-32217 TEC-408-32217 Datasheet
319Kb / 4P
   Small Form-Factor Pluggable
408-32208 TEC-408-32208 Datasheet
407Kb / 4P
   Small Form-Factor Pluggable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com