Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLA3565C Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # RMLA3565C
Description  Wideband Low Noise MMIC Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

RMLA3565C Datasheet(HTML) 3 Page - Fairchild Semiconductor

  RMLA3565C Datasheet HTML 1Page - Fairchild Semiconductor RMLA3565C Datasheet HTML 2Page - Fairchild Semiconductor RMLA3565C Datasheet HTML 3Page - Fairchild Semiconductor RMLA3565C Datasheet HTML 4Page - Fairchild Semiconductor RMLA3565C Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
©2004 Fairchild Semiconductor Corporation
RMLA3565C Rev. C
Figure 3. Schematic for a Typical Test Evaluation Board (RMLA3565C-TB)
Figure 4. Layout and Assembly of Test Evaluation Board (RMLA3565C-TB)
RF Out
J2
U1
RF In
J1
C1 & C2
(OPT)
C3
GROUND
(GND) P2
Vdd P1
Pin 5 must be grounded
Fairchild
Test Procedure for the evaluation board (RMLA3565C-TB)
The following sequence of procedure must be followed to
properly test the power amplifier:
Step 1: Turn off RF input power.
Step 2: Use GND terminal of the evaluation board to
connect DC supply grounds and Pin 5.
Step 3: Apply drain supply voltage of +4.0V to evaluation
board terminal Vdd.
Step 4: After the bias condition is established, RF input
signal may now be applied.
Step 5: Follow turn-off sequence of:
(i) Turn off RF input power.
(ii) Turn down and off Vdd.
C1
(OPT)
C2
(OPT)
C3
RF In
J1
RF Out
J2
RMLA3565C-58
GND
P2
Vdd
P1


Similar Part No. - RMLA3565C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
More results

Similar Description - RMLA3565C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RMLA3565-58 ETC-RMLA3565-58 Datasheet
349Kb / 8P
   Wideband Low Noise MMIC Amplifier
RMLA3565A-58 ETC-RMLA3565A-58 Datasheet
244Kb / 8P
   Wideband Low Noise MMIC Amplifier
logo
NXP Semiconductors
BGU7003 NXP-BGU7003 Datasheet
158Kb / 17P
   Wideband silicon germanium low-noise amplifier MMIC
Rev. 01-2 March 2009
logo
TriQuint Semiconductor
TGA4830 TRIQUINT-TGA4830_15 Datasheet
569Kb / 10P
   Wideband Low Noise Amplifier
logo
DAICO Industries, Inc.
DAML6284 DAICO-DAML6284 Datasheet
130Kb / 1P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC-AUH312 AD-HMC-AUH312 Datasheet
315Kb / 17P
   Low Noise Wideband Amplifier
ADL7003 AD-ADL7003 Datasheet
481Kb / 18P
   Wideband Low Noise Amplifier
logo
TriQuint Semiconductor
TGA4830-EPU TRIQUINT-TGA4830-EPU Datasheet
717Kb / 9P
   Wideband Low Noise Amplifier
logo
Analog Devices
HMC8400 AD-HMC8400 Datasheet
312Kb / 15P
   MMIC Low Noise Amplifier
logo
Hittite Microwave Corpo...
HMC-ALH102 HITTITE-HMC-ALH102 Datasheet
181Kb / 6P
   GaAs HEMT MMIC WIDEBAND LOW NOISE AMPLIFIER, 2 - 20 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com