Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSPA20205 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSPA20205
Description  LSPA20205
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LSPA20205 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSPA20205 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
L.S.E.
Power Transformer: LSPA20205
Approved
Checked
Prepare
Date
Page
Rev.
許神長
09-DEC-2004
蔡金忠
09-DEC-2004
胡文秀
09-DEC-2004
09-DEC-2004
1/1
0
NO. 7, LANE 3, SAN Ho RD. SAN-SHIN VILLAGE TA-YUAN HSIANG, TAOYUAN HSIEN, TAIWAN, R.O.C.
Tel:886-3-3831513
Fax:886-3-3835738 ◆ http://www.lse.com.tw
USA: www.cdiweb.com/lse Tel: (800)777-7334
Mechanical
Feature
Deigned to intent of UL 60950
Universal Input 85~265 Volts
Designed for Power Integrations
TNY Switch II Chip Sets
EPOXY×4
SQ 0.5
11.2 ±0.5
2.54 ±0.3
3.2 ±0.5
11.2 Typ.
16.0 MAX.
-0.0/+0.2
φ 1.1
*12
2.54 Typ.
Schematic
UNIV.
INPUT
SEC.
PRI.
3.3V
1.8V
5.0V
Electrical Characteristics
A. D.C. Resistance: (25℃)
R(8-10):11.0 mΩ max.
R(5-2):4.750 Ω max.
R(10-11):14.0 mΩ max.
R(7-11):49.0 mΩ max.
R(7-8):24.0 mΩ max.
B. Inductance:
L(5-2):1.492 mH ±10%
@ 132 KHz, 1V, Ls
C. Leakage Inductance:
Lk(5-2):113.0 µH max.
@ 132 KHz, 1V, Ls, shorted P(8+10+11)
D.
Turns Ratio:
P(7-8)==> 0.030 ± 0.008Vrms
@ Pins(5-2) Input 20 KHz, 1.2V
P(8-10)==> 0.020 ± 0.008Vrms
@ Pins(5-2) Input 20 KHz, 1.2V
P(10-11)==> 0.030 ± 0.008Vrms
@ Pins(5-2) Input 20 KHz, 1.2V
P(7-11)==> 0.080 ± 0.008Vrms
@ Pins(5-2) Input 20 KHz, 1.2V
E. Isolation Voltage(Hi-Pot):
Pri. To Sec. =>
3000 Vac, 3mA, 60 Sec
Sec. To Core =>
500 Vac, 3mA, 60 Sec
LSPA20205
LSE YYWW
Note :
1.
Unit:mm
2.
Scale:F
3.
YYWW】
Date Code


Similar Part No. - LSPA20205

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSPA20227 ETC1-LSPA20227 Datasheet
243Kb / 1P
   POWER TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com