Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG9832 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SCG9832
Description  SCG9832 Microcontroller Specification
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SCG9832 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SCG9832 Datasheet HTML 2Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 3Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 4Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 5Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 6Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 7Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 8Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 9Page - List of Unclassifed Manufacturers SCG9832 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
SCG9832
8-BIT MICROCONTROLLER
Score Concept Semiconductor Ltd.
6
Sept 2000
I/O ports
The microcontroller has one 7-bit output port and two software controllable 8-bit I/O ports.
For I/O port 0, there is a pull-low resistor when it is configured as in input mode, and this resistor
is disabled when it is in output mode.
For I/O port 1, it is floating when in input mode.
For Port 2, it is a 7-bit output port only.
Timers
The microcontroller has two programmable 8-bit timers (T0 and T1) for system timing. It has
also a real time timer and a watch dog timer when subsystem clock is employed. All the timers
can be enabled or disabled by configuring an internal register, TCONG. At CPU resets, all of
them are disabled.
T0 and T1 are up-counters and can be configured as either two 8-bit pre-scalar auto reload timer
or as a 16-bit pre-scalar auto reload timer. The timer overflow flag will be set if the timer
overflows. Then an interrupt will be generated if the corresponding interrupt enable bit is set to 1.
The real time timer provides 0.5 sec interrupt for RTC functions. Watch dog timer will overflow in
~1 sec and then will reset the CPU.


Similar Part No. - SCG9832

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCG9800 ETC1-SCG9800 Datasheet
128Kb / 29P
   8-BIT MICROCONTROLLER
SCG9816 ETC1-SCG9816 Datasheet
110Kb / 27P
   8-BIT MICROCONTROLLER
SCG9864 ETC1-SCG9864 Datasheet
110Kb / 27P
   8-BIT MICROCONTROLLER
More results

Similar Description - SCG9832

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18FXXK80 MICROCHIP-PIC18FXXK80 Datasheet
376Kb / 52P
   Flash Microcontroller Programming Specification
08/04/10 2011
PIC18F26J50-ISO MICROCHIP-PIC18F26J50-ISO Datasheet
619Kb / 32P
   Flash Microcontroller Programming Specification
03/26/09
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
Sharp Corporation
LH77790B SHARP-LH77790B Datasheet
202Kb / 32P
   Embedded Microcontroller Thermal & Electrical Specification
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com