Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-902 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # AN-902
Description  Twisted Pair FDDI Magnetics Overview and Recommendations
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

AN-902 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  AN-902 Datasheet HTML 1Page - National Semiconductor (TI) AN-902 Datasheet HTML 2Page - National Semiconductor (TI) AN-902 Datasheet HTML 3Page - National Semiconductor (TI) AN-902 Datasheet HTML 4Page - National Semiconductor (TI) AN-902 Datasheet HTML 5Page - National Semiconductor (TI) AN-902 Datasheet HTML 6Page - National Semiconductor (TI) AN-902 Datasheet HTML 7Page - National Semiconductor (TI) AN-902 Datasheet HTML 8Page - National Semiconductor (TI) AN-902 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF11894
National Semiconductor
Application Note 902
Todd Vafiades
July 1993
Twisted Pair FDDI
Magnetics Overview and
Recommendations
10
INTRODUCTION
The use of twisted pair cable for high speed LAN signalling
necessitates the inclusion of transmit and receive magnet-
ics to couple the transmission signal to and from the copper
media The choice of magnetics in a given implementation
can have a significant effect on the integrity of the transmis-
sion signal Several important factors must be considered
when choosing the magnetics for FDDI twisted pair PMDs
This application note discusses key performance parame-
ters of magnetics suitable for use within a PMD designed for
ANSI X3T95 FDDI Twisted Pair Draft Proposal compliance
Although magnetics are required for both shielded and
unshielded twisted pair media this note focuses specifically
on magnetics suitable for FDDI signalling over Category 5
Unshielded Twisted Pair This note includes layout recom-
mendations for a typical PMD transceiver implementation
employing the National Semiconductor DP83223 TWISTER
transceiver and suggests the use of some readily available
magnetics
20
WHAT ARE MAGNETICS
In the case of Twisted pair FDDI signal transmission the
term ‘‘magnetics’’ refers to the one-to-one isolation trans-
formers and common mode choke transformers which cou-
ple the signal to and from the twisted pair media These
elements couple the serial data stream from one FDDI node
to the twisted pair media and again from the twisted pair
media to another FDDI node It is also possible that these
transformers may coexist with other filter elements such as
resistors or capacitors which attempt to enhance the integ-
rity of the transmitted andor received FDDI data stream
These additional filter elements may or may not be de-
scribed as part of the magnetics depending on the individual
vendor’s perspective As a point of clarification ferrite
beads or inductors sometimes used to decouple sensitive
power and ground pins from potential noise sources on
transceiver ICs may also be referred to as magnetics This
application note is only intended to report on the media cou-
pling magnetics
30
WHY ARE MAGNETICS REQUIRED
In most electrical signal transmission systems the data
moving between two nodes is AC coupled in order to isolate
potential system ground differences between the transmit-
ter and receiver which could interfere with proper signal
transfer A one-to-one isolation transformer is a convenient
component for use in signal transfer for several reasons DC
current blocking (system ground differences are isolated
from one another)
end stations protection from static
charges that may build up on the cable inherent differential
signal coupling and common mode rejection
When using the DP83223 Twisted Pair Transceiver it is not
necessary to employ complex multiple pole LC filters which
are commonly found in many 10BASE-T Token Ring and
FDDI implementations Due to the controlled output tran-
sition times of the DP83223 simple networks which include
only the termination resistors isolation transformers and
common mode chokes may be all that are required Some
designers may choose to add simple filtering at the receive
end of a system in order to reduce the susceptibility to tran-
sient or continuous noise injected onto the media from out-
side sources This note contains example schematics detail-
ing components and interconnection
40
KEY PARAMETERS
Magnetics play an essential role in ensuring signal integrity
within a transmission system Parameters such as Insertion
Loss Crosstalk and Transition Time contribute greatly to
the performance of the magnetics within a system This ap-
plication note briefly examines several important parame-
ters which contribute to the effectiveness of a given mag-
netics design
41
Insertion Loss
This is the loss introduced by the insertion of the magnetics
and can be generally expressed as
IL(dB) e 20 Log
VIN
VOUT
where VIN is the voltage across the input of the magnetics
while VOUT represents the voltage across the output of the
magnetics in an appropriately configured system Some fac-
tors which may contribute to loss include DC resistance of
the windings variation from a true one-to-one (primary to
secondary) winding relationship resulting in a ‘‘step-down’’
effect core loss as well as the inherent loss of additional
filtering It is important to consider insertion loss when set-
ting specified transmit amplitudes for standard compliant
Twisted Pair FDDI signalling
42
Return Loss
This is a measure of the match between the two impedanc-
es on either side of a junction point defined by
RL(dB) e 20 Log
Z1 a Z2
Z1 b Z2
where Z1 and Z2 are the complex impedances of the two
halves of the circuit If an impedance mismatch does exist
signal reflections will measurably decrease the performance
of a given system The effects of Return Loss are signifi-
cantly reduced by the controlled output transition times of
the DP83223 These controlled transition times basically
eliminate the need for additional filtering which can increase
the potential for a mismatch in transmit and receive imped-
ances
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - AN-902

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-90 FAIRCHILD-AN-90 Datasheet
209Kb / 7P
   74C Family Characteristics
AN-9005 FAIRCHILD-AN-9005 Datasheet
1Mb / 13P
   Driving and Layout Design for Fast Switching Super-Junction MOSFETs
AN-9008 FAIRCHILD-AN-9008 Datasheet
124Kb / 9P
   The Use of QFETs in a Flyback Converter
AN-9010 FAIRCHILD-AN-9010 Datasheet
973Kb / 17P
   MOSFET Basics
AN-9016 FAIRCHILD-AN-9016 Datasheet
1,001Kb / 18P
   IGBT Basics
More results

Similar Description - AN-902

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP83220 NSC-DP83220 Datasheet
136Kb / 10P
   CDL Twisted Pair FDDI Transceiver Device
DP83222 NSC-DP83222 Datasheet
179Kb / 12P
   CYCLONE Twisted Pair FDDI Stream Cipher Device
logo
Assmann Electronics Inc...
AK579F-2-R ASSMANN-AK579F-2-R Datasheet
95Kb / 1P
   Twisted Pair and One by One
logo
List of Unclassifed Man...
83C694 ETC-83C694 Datasheet
204Kb / 33P
   TWISTED PAIR INTERFACE AND MACHESTER ENCODER/DECODER
logo
SMSC Corporation
83C694D SMSC-83C694D Datasheet
205Kb / 33P
   Twisted-Pair Interface and Manchester Encoder/Decoder
logo
Intersil Corporation
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
   450MHz Differential Twisted-Pair Drivers
EL5177 INTERSIL-EL5177_07 Datasheet
269Kb / 11P
   550MHz Differential Twisted-Pair Driver
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
   450MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
   250MHz Differential Twisted-Pair Drivers
EL5177 RENESAS-EL5177 Datasheet
644Kb / 12P
   550MHz Differential Twisted-Pair Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com