Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-T250 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HCPL-T250
Description  1.5 Amp Output Current IGBT Gate Drive Optocoupler
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-T250 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HCPL-T250 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-T250 Datasheet HTML 7Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Solder Reflow Thermal Profile
Recommended Pb-Free IR Profile
0
TIME (SECONDS)
200
100
50
150
100
200
250
300
0
30
SEC.
50 SEC.
30
SEC.
160°C
140°C
150°C
PEAK
TEMP.
245°C
PEAK
TEMP.
240°C
PEAK
TEMP.
230°C
SOLDERING
TIME
200°C
PREHEATING TIME
150°C, 90 + 30 SEC.
2.5°C ± 0.5°C/SEC.
3°C + 1°C/–0.5°C
TIGHT
TYPICAL
LOOSE
ROOM
TEMPERATURE
PREHEATING RATE 3°C + 1°C/–0.5°C/SEC.
REFLOW HEATING RATE 2.5°C ± 0.5°C/SEC.
217 °C
RAMP-DOWN
6 °C/SEC. MAX.
RAMP-UP
3 °C/SEC. MAX.
150 - 200 °C
260 +0/-5 °C
t 25 °C to PEAK
60 to 150 SEC.
20-40 SEC.
TIME WITHIN 5 °C of ACTUAL
PEAK TEMPERATURE
tp
ts
PREHEAT
60 to 180 SEC.
tL
TL
Tsmax
Tsmin
25
Tp
TIME
NOTES:
THE TIME FROM 25 °C to PEAK TEMPERATURE = 8 MINUTES MAX.
Tsmax = 200 °C, Tsmin = 150 °C


Similar Part No. - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-000E AVAGO-HCPL-T250-000E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-060E AVAGO-HCPL-T250-060E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-300E AVAGO-HCPL-T250-300E Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
More results

Similar Description - HCPL-T250

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-T250-360 AVAGO-HCPL-T250-360 Datasheet
247Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-T250 AVAGO-HCPL-T250 Datasheet
232Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
ACPL-331J-000E AVAGO-ACPL-331J-000E Datasheet
300Kb / 22P
   1.5 Amp Output Current IGBT Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com