Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5553IPFPRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # ADS5553IPFPRG4
Description  Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5553IPFPRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS5553IPFPRG4 Datasheet HTML 6Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 7Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 8Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 9Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 10Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 11Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 12Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 13Page - Texas Instruments ADS5553IPFPRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADS5553
SLWS158 − FEBRUARY 2005
www.ti.com
10
DEFINITION OF SPECIFICATIONS
Total Harmonic Distortion (THD)
THD is the ratio of the power of the fundamental (PS) to
the power of the first eight harmonics (PD).
THD + 10Log10
P
S
PD
THD is typically given in units of dBc (dB to carrier).
Spurious-Free Dynamic Range (SFDR)
The ratio of the power of the fundamental to the highest
other spectral component (either spur or harmonic).
SFDR is typically given in units of dBc (dB to carrier).
Two-Tone Intermodulation Distortion
IMD3 is the ratio of the power of the fundamental (at
frequencies f1 and f2) to the power of the worst spectral
component at either frequency 2f1−f2 or 2f2−f1. IMD3 is
either given in units of dBc (dB to carrier) when the
absolute power of the fundamental is used as the
reference, or dBFS (dB to full scale) when the power of
the fundamental is extrapolated to the converter’s
full-scale range.


Similar Part No. - ADS5553IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS55 TI-ADS55 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS550-EP TI1-ADS550-EP Datasheet
944Kb / 37P
[Old version datasheet]   Analog-To-Digital Converter
ADS5500 TI-ADS5500 Datasheet
419Kb / 29P
[Old version datasheet]   14BIT, 125MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5500 BURR-BROWN-ADS5500 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5500 BURR-BROWN-ADS5500 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
More results

Similar Description - ADS5553IPFPRG4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6644 AD-AD6644_15 Datasheet
836Kb / 24P
   14-Bit, 40 MSPS/65 MSPS Analog-to-Digital Converter
REV. D
logo
Texas Instruments
AFE7071 TI1-AFE7071_13 Datasheet
1Mb / 36P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI-AFE7070_15 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7071 TI1-AFE7071 Datasheet
412Kb / 32P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
AFE7070 TI1-AFE7070_16 Datasheet
1Mb / 44P
[Old version datasheet]   Dual 14-Bit 65-MSPS Digital-to-Analog Converter With Integrated Analog Quadrature Modulator
logo
Analog Devices
AD9251 AD-AD9251 Datasheet
1Mb / 36P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC3174 TI-DAC3174 Datasheet
779Kb / 40P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com