Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7868 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7868
Description  1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7868 Datasheet(HTML) 4 Page - Texas Instruments

  ADS7868 Datasheet HTML 1Page - Texas Instruments ADS7868 Datasheet HTML 2Page - Texas Instruments ADS7868 Datasheet HTML 3Page - Texas Instruments ADS7868 Datasheet HTML 4Page - Texas Instruments ADS7868 Datasheet HTML 5Page - Texas Instruments ADS7868 Datasheet HTML 6Page - Texas Instruments ADS7868 Datasheet HTML 7Page - Texas Instruments ADS7868 Datasheet HTML 8Page - Texas Instruments ADS7868 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
www.ti.com
ADS7866
ADS7867
ADS7868
SLAS465 – JUNE 2005
SPECIFICATIONS, ADS7866 (continued)
At –40
°C to 85°C, f
SAMPLE = 200 KSPS and fSCLK = 3.4 MHz if 1.6 V ≤ VDD ≤ 3.6 V; fSAMPLE = 100 KSPS and fSCLK = 1.7 MHz if
1.2 V
≤ V
DD < 1.6 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1.2 V
≤ V
DD < 1.6 V
–0.2
0.2
×V
DD
1.6 V
≤ V
DD < 1.8 V
–0.2
0.2
×V
DD
VIL
Input logic low level
V
1.8 V
≤ V
DD < 2.5 V
–0.2
0.3
×V
DD
2.5 V
≤ V
DD ≤ 3.6 V
–0.2
0.8
ISCLK
SCLK pin leakage current
Digital input = 0 V or VDD
–1
0.02
1
µA
ICS
CS pin leakage current
±1
µA
CIN
Digital input pin capacitance
10
pF
DIGITAL OUTPUT
VOH
Output logic high level
ISOURCE = 200 µA
VDD–0.2
VDD
V
VOL
Output logic low level
ISINK = 200 µA
0
0.2
V
ISDO
SDO pin leakage current
Floating output
–1
1
µA
Digital output pin
COUT
Floating output
10
pF
capacitance
Data format, straight binary
POWER SUPPLY REQUIREMENTS
VDD
Supply voltage
1.2
3.6
V
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 3.6 V
385
500
fSAMPLE = 100 KSPS, fSCLK = 3.4 MHz, VDD = 3.6 V
193
µA
fSAMPLE = 50 KSPS, fSCLK = 3.4 MHz, VDD = 3.6 V
97
fSAMPLE = 20 KSPS, fSCLK = 3.4 MHz, VDD = 3.6 V
39
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 3 V
340
fSAMPLE = 100 KSPS, fSCLK = 3.4 MHz, VDD = 3 V
170
µA
fSAMPLE = 50 KSPS, fSCLK = 3.4 MHz, VDD = 3 V
85
fSAMPLE = 20 KSPS, fSCLK = 3.4 MHz, VDD = 3 V
35
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 2.5 V
305
fSAMPLE = 100 KSPS, fSCLK = 3.4 MHz, VDD = 2.5 V
153
µA
fSAMPLE = 50 KSPS, fSCLK = 3.4 MHz, VDD = 2.5 V
77
Supply current,
Digital inputs = 0 V
IDD
fSAMPLE = 20 KSPS, fSCLK = 3.4 MHz, VDD = 2.5 V
31
normal operation
or VDD
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 1.8 V
256
fSAMPLE = 100 KSPS, fSCLK = 3.4 MHz, VDD = 1.8 V
128
µA
fSAMPLE = 50 KSPS, fSCLK = 3.4 MHz, VDD = 1.8 V
65
fSAMPLE = 20 KSPS, fSCLK = 3.4 MHz, VDD = 1.8 V
26
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 1.6 V
241
330
fSAMPLE = 100 KSPS, fSCLK = 3.4 MHz, VDD = 1.6 V
121
µA
fSAMPLE = 50 KSPS, fSCLK = 3.4 MHz, VDD = 1.6 V
61
fSAMPLE = 20 KSPS, fSCLK = 3.4 MHz, VDD = 1.6 V
25
fSAMPLE = 100 KSPS, fSCLK = 1.7 MHz, VDD = 1.2 V
186
250
fSAMPLE = 50 KSPS, fSCLK = 1.7 MHz, VDD = 1.2 V
93
µA
fSAMPLE = 20 KSPS, fSCLK = 1.7 MHz, VDD = 1.2 V
37
IDD
Power-down mode
SCLK on or off
0.008
0.3
µA
POWER DISSIPATION
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 3.6 V
1.39
1.80
Normal operation
fSAMPLE = 200 KSPS, fSCLK = 3.4 MHz, VDD = 1.6 V
0.39
0.53
mW
fSAMPLE = 100 KSPS, fSCLK = 1.7 MHz, VDD = 1.2 V
0.22
0.3
Power-down mode
SCLK on or off, VDD = 3.6 V
1.08
µW
TEMPERATURE RANGE
Specified performance
–40
85
°C
4


Similar Part No. - ADS7868

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7868 BURR-BROWN-ADS7868 Datasheet
843Kb / 22P
   10-/8-BIT, 3-MSPS, MICRO-POWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTERS
logo
Texas Instruments
ADS7868 TI-ADS7868 Datasheet
645Kb / 17P
[Old version datasheet]   12-BIT, 3-MSPS, MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS7868 TI1-ADS7868 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVR BURR-BROWN-ADS7868IDBVR Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7868IDBVR TI1-ADS7868IDBVR Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7868

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
[Old version datasheet]   ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com