Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7466ARQZ Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7466ARQZ
Description  dBCool Remote Thermal Controller and Voltage Monitor
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7466ARQZ Datasheet(HTML) 3 Page - Analog Devices

  ADT7466ARQZ Datasheet HTML 1Page - Analog Devices ADT7466ARQZ Datasheet HTML 2Page - Analog Devices ADT7466ARQZ Datasheet HTML 3Page - Analog Devices ADT7466ARQZ Datasheet HTML 4Page - Analog Devices ADT7466ARQZ Datasheet HTML 5Page - Analog Devices ADT7466ARQZ Datasheet HTML 6Page - Analog Devices ADT7466ARQZ Datasheet HTML 7Page - Analog Devices ADT7466ARQZ Datasheet HTML 8Page - Analog Devices ADT7466ARQZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
ADT7466
Rev. 0 | Page 3 of 48
SPECIFICATIONS
TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted.1
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
Supply Voltage
3.0
3.3
5.5
V
Supply Current, ICC
1.4
3
mA
Interface inactive, ADC active
30
70
µA
Standby mode, digital inputs low
TEMPERATURE-TO-DIGITAL
CONVERTER
Local Sensor Accuracy
±1
°C
20°C ≤ TA ≤ 60°C; VCC = 3.3 V
±3
°C
−40°C ≤ TA ≤ +125°C; VCC = 3.3 V
Resolution
0.25
°C
Remote Diode Sensor Accuracy
±1
°C
20°C ≤ TA ≤ 60°C; −40°C ≤ TD ≤ +125°C; VCC = 3.3 V
±3
°C
−40°C ≤TA ≤ +105°C; −40°C ≤ TD ≤ +125°C; VCC = 3.3 V
±5
°C
−40°C ≤ TA ≤ +125°C; −40°C ≤ TD ≤ +125°C
Resolution
0.25
°C
Remote Sensor Source Current
192
µA
High level
72
µA
Mid level
12
µA
Low level
Series Resistance Cancellation
0
2
kΩ
Maximum resistance in series with thermal diode that can be
cancelled out
THERMISTOR-TO-DIGITAL CONVERTER
Temperature Range
30
100
°C
Range over which specified accuracy is achieved. Wider range
can be used with less accuracy.
Resolution
0.25
°C
Accuracy
±2
°C
Using specified thermistor and application circuit over specified
temperature range
ANALOG-TO-DIGITAL CONVERTER
Input Voltage Range
0
VREF
V
VREF = 2.25V
Total Unadjusted Error (TUE)
±1
±2.5
%
Differential Nonlinearity (DNL)
±1
LSB
Power Supply Sensitivity
±1
%/V
Conversion Time (AIN Input)
8.30
8.65
ms
Averaging enabled
Conversion Time (Local
Temperature)
8.63
8.99
ms
Averaging enabled
Conversion Time (Remote
Temperature)
35.22
36.69
ms
Averaging enabled
Conversion Time (VCC)
7.93
8.26
ms
Averaging enabled
Total Monitoring Cycle Time
68.38
71.24
ms
Averaging enabled, Pin 11 and Pin 12 configured for AIN/TH
monitoring (see Table 15)
Total Monitoring Cycle Time
87
90.63
ms
Averaging enabled, Pin 11 and Pin 12 configured for REM2
monitoring (see Table 15)
FAN RPM-TO-DIGITAL CONVERTER
Accuracy
±4
%
Full-Scale Count
65,535
Nominal Input RPM
109
RPM
Fan count = 0xBFFF
329
RPM
Fan count = 0x3FFF
5000
RPM
Fan count = 0x0438
10000
RPM
Fan count = 0x021C
Internal Clock Frequency
78.64
81.92
85.12
kHz


Similar Part No. - ADT7466ARQZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADT7466ARQZ ONSEMI-ADT7466ARQZ Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7466ARQZ-REEL ONSEMI-ADT7466ARQZ-REEL Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
ADT7466ARQZ-RL7 ONSEMI-ADT7466ARQZ-RL7 Datasheet
691Kb / 48P
   dBCool짰 Remote Thermal Controller and Voltage Monitor
May 2010 ??Rev. 3
More results

Similar Description - ADT7466ARQZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7476 AD-ADT7476 Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. A
ADT7468 AD-ADT7468 Datasheet
1,021Kb / 80P
   dBCool??Remote Thermal Controller and Voltage Monitor
REV. 0
logo
ON Semiconductor
ADT7476A ONSEMI-ADT7476A Datasheet
613Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 3
ADM1027 ONSEMI-ADM1027 Datasheet
1Mb / 56P
   dBCOOL??Remote Thermal Controller and Voltage Monitor
May 2010 - Rev. 3
ADT7476 ONSEMI-ADT7476 Datasheet
620Kb / 67P
   dBCOOL Remote Thermal Controller and Voltage Monitor
May, 2010 ??Rev. 6
logo
Analog Devices
ADT7476A AD-ADT7476A Datasheet
1Mb / 72P
   dBCool Remote Thermal Controller and Voltage Monitor
REV. 0
ADM1027 AD-ADM1027 Datasheet
1,008Kb / 56P
   dBCOOL-TM Remote Thermal Controller and Voltage Monitor
REV. A
ADT7467 AD-ADT7467 Datasheet
1Mb / 80P
   dBCool Remote Thermal Monitor and Fan Controller
REV. 0
logo
ON Semiconductor
ADT7475_1110 ONSEMI-ADT7475_1110 Datasheet
639Kb / 58P
   dbCOOL Remote Thermal Monitor and Fan Controller
October, 2011 ??Rev. 5
logo
Analog Devices
ADT7473 AD-ADT7473 Datasheet
1Mb / 76P
   dBCool Remote Thermal Monitor and Fan Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com