Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E632A Datasheet(PDF) 13 Page - Nuvoton Technology Corporation

Part # W79E632A
Description  8-BIT MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E632A Datasheet(HTML) 13 Page - Nuvoton Technology Corporation

Back Button W79E632A Datasheet HTML 9Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 10Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 11Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 12Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 13Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 14Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 15Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 16Page - Nuvoton Technology Corporation W79E632A Datasheet HTML 17Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
W79E632A/W79L632A
Publication Release Date: Nov. 11, 2009
- 13 -
Revision A10
MD2
−0: Stretch MOVX select bits: These three bits are used to select the stretch value for the MOVX
instruction. Using a variable MOVX length enables the user to access slower external memory
devices or peripherals without the need for external circuits. The RD or WR strobe will be
stretched by the selected interval. When accessing the on-chip SRAM, the MOVX instruction is
always in 2 machine cycles regardless of the stretch setting. By default, the stretch has value of
1. If the user needs faster accessing, then a stretch value of 0 should be selected.
MD2
MD1
MD0
Stretch value
MOVX duration
0
0
0
0
2 machine cycles
0
0
1
1
3 machine cycles (Default)
0
1
0
2
4 machine cycles
0
1
1
3
5 machine cycles
1
0
0
4
6 machine cycles
1
0
1
5
7 machine cycles
1
1
0
6
8 machine cycles
1
1
1
7
9 machine cycles
Port 1
Bit:
7
6
5
4
3
2
1
0
P1.7
P1.6
P1.5
P1.4
P1.3
P1.2
P1.1
P1.0
Mnemonic: P1
Address: 90h
P1.7
−0: General purpose I/O port. Most instructions will read the port pins in case of a port read
access, however in case of read-modify-write instructions, the port latch is read. Some pins
also have alternate input or output functions. This alternate functions are described below:
P1.0 : T2
External I/O for Timer/Counter 2
P1.1 : T2EX
Timer/Counter 2 Capture/Reload Trigger
Port 4 Control Register A
Bit:
7
6
5
4
3
2
1
0
P41M1
P41M0
P41C1
P41C0
P40M1
P40M0
P40C1
P40C0
Mnemonic: P4CONA
Address: 92h
Port 4 Control Register B
Bit:
7
6
5
4
3
2
1
0
P43M1
P43M0
P43C1
P43C0
P42M1
P42M0
P42C1
P42C0
Mnemonic: P4CONB
Address: 93h


Similar Part No. - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W79E632A ETC2-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40PL WINBOND-W79E632A40PL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E632A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com