Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E632A40FL Datasheet(PDF) 52 Page - Nuvoton Technology Corporation

Part # W79E632A40FL
Description  8-BIT MICROCONTROLLER
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E632A40FL Datasheet(HTML) 52 Page - Nuvoton Technology Corporation

Back Button W79E632A40FL Datasheet HTML 48Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 49Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 50Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 51Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 52Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 53Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 54Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 55Page - Nuvoton Technology Corporation W79E632A40FL Datasheet HTML 56Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 79 page
background image
W79E632A/W79L632A
- 52 -
11. SERIAL PORT
Serial port in the W79E(L)632 is a full duplex port. The W79E(L)632 provides the user with additional
features such as the Frame Error Detection and the Automatic Address Recognition. The serial ports are
capable of synchronous as well as asynchronous communication. In Synchronous mode the
W79E(L)632 generates the clock and operates in a half duplex mode. In the asynchronous mode, full
duplex operation is available. This means that it can simultaneously transmit and receive data. The
transmit register and the receive buffer are both addressed as SBUF Special Function Register.
However any write to SBUF will be to the transmit register, while a read from SBUF will be from the
receive buffer register. The serial port can operate in four different modes as described below.
Mode 0
This mode provides synchronous communication with external devices. In this mode serial data is
transmitted and received on the RXD line. TXD is used to transmit the shift clock. The TxD clock is
provided by the W79E(L)632 whether the device is transmitting or receiving. This mode is therefore a
half duplex mode of serial communication. In this mode, 8 bits are transmitted or received per frame.
The LSB is transmitted/received first. The baud rate is fixed at 1/12 or 1/4 of the oscillator frequency.
This baud rate is determined by the SM2 bit (SCON.5). When this bit is set to 0, then the serial port runs
at 1/12 of the clock. When set to 1, the serial port runs at 1/4 of the clock. This additional facility of
programmable baud rate in mode 0 is the only difference between the standard 8051 and the
W79E(L)632.
The functional block diagram is shown below. Data enters and leaves the Serial port on the RxD line.
The TxD line is used to output the shift clock. The shift clock is used to shift data into and out of the
W79E(L)632 and the device at the other end of the line. Any instruction that causes a write to SBUF will
start the transmission. The shift clock will be activated and data will be shifted out on the RxD pin till all 8
bits are transmitted. If SM2 = 1, then the data on RxD will appear 1 clock period before the falling edge of
shift clock on TxD. The clock on TxD then remains low for 2 clock periods, and then goes high again. If
SM2 = 0, the data on RxD will appear 3 clock periods before the falling edge of shift clock on TxD. The
clock on TxD then remains low for 6 clock periods, and then goes high again. This ensures that at the
receiving end the data on RxD line can either be clocked on the rising edge of the shift clock on TxD or
latched when the TxD clock is low.
SBUF
Transmit Shift Register
Receive Shift Register
TX SHIFT
PAROUT
Internal
Data Bus
Internal
Data Bus
RXD
P3.0 Alternate
Output Function
TXD
P3.1 Alternate
Output function
RXD
P3.0 Alternate
Iutput function
Serial Port Interrupt
Write to
SBUF
TX START
SOUT
TI
RI
REN
PARIN
LOAD
CLOCK
Read SBUF
SBUF
TX CLOCK
RI
SERIAL
CONTROLLE
SHIFT
CLOCK
RX
CLOCK
LOAD SBUF
RX
START
RX SHIFT
CLOCK
SIN
4
12
1
0
SM2
OSC
Figure 20. Serial Port Mode 0


Similar Part No. - W79E632A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E632A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com