Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E633A Datasheet(PDF) 31 Page - Nuvoton Technology Corporation

Part # W79E633A
Description  8-BIT MICROCONTROLLER
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E633A Datasheet(HTML) 31 Page - Nuvoton Technology Corporation

Back Button W79E633A Datasheet HTML 27Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 28Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 29Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 30Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 31Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 32Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 33Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 34Page - Nuvoton Technology Corporation W79E633A Datasheet HTML 35Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
W79E633A/W79L633A
Publication Release Date: Oct 07, 2010
- 31 -
Revision A6.0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
2
T
C /
2
RL
CP /
Mnemonic: T2CON
Address: C8h
BIT
NAME
FUNCTION
7
TF2
Timer 2 Overflow flag: This bit is set when Timer 2 overflows. It is also set when the
count is equal to the capture register in down-count mode.
It can be set by the hardware only if RCLK and TCLK are both 0, and it can be set
or cleared by software.
6
EXF2
Timer 2 External flag: A negative transition on the T2EX pin (P1.1) or a timer 2
underflow / overflow sets this flag according to the CP/RL2, EXEN2 and DCEN bits.
This bit can also be set by the software. If set by a negative transition, this flag must
be cleared by software. If set by a negative transition or by software, a Timer 2
interrupt is generated, if enabled.
5
RCLK
Receive Clock flag: This bit determines the serial-port time base when receiving
data in Serial Port modes 1 or 3.
0: The Timer 1 overflow is used for baud-rate generation
1: The Timer 2 overflow is used for baud-rate generation, forcing Timer 2 into baud-
rate generator mode.
4
TCLK
Transmit Clock flag: This bit determines the serial-port time base when transmitting
data in Serial Port modes 1 or 3.
0: The Timer 1 overflow is used for baud-rate generation
1: The Timer 2 overflow is used for baud-rate generation, forcing Timer 2 into baud-
rate generator mode.
3
EXEN2
Timer 2 External Enable: This bit enables the capture / reload function on the T2EX
pin, as long as Timer 2 is not generating baud clocks for the serial port.
0: Ignore T2EX.
1: Negative transitions on T2EX result in capture or reload.
2
TR2
Timer 2 Run Control: This bit enables / disables Timer 2. When disabled, Timer 2
preserves the current values in TH2 and TL2.
1
T2
C/
Counter / Timer select:
0: Timer 2 operates as a timer at a speed depending on T2M bit (CKCON.5)
1: Timer 2 counts negative edges on the T2EX pin.
Regardless of this bit, Timer 2 may be forced into baud-rate generator mode.
0
RL2
CP/
Capture / Reload select, when Timer 2 overflows or when a falling edge is detected
on T2EX (and EXEN2 = 1).
0: Auto-reload Timer 2
1: Capture in Timer 2
If RCLK or TCLK is set, this bit does not function, and Timer 2 runs in auto-reload
mode following each overflow.
TIMER 2 MODE CONTROL
Bit:
7
6
5
4
3
2
1
0


Similar Part No. - W79E633A

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W79E632A ETC2-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E633A

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com