Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E633A40FL Datasheet(PDF) 16 Page - Nuvoton Technology Corporation

Part # W79E633A40FL
Description  8-BIT MICROCONTROLLER
Download  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E633A40FL Datasheet(HTML) 16 Page - Nuvoton Technology Corporation

Back Button W79E633A40FL Datasheet HTML 12Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 13Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 14Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 15Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 16Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 17Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 18Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 19Page - Nuvoton Technology Corporation W79E633A40FL Datasheet HTML 20Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 117 page
background image
W79E633A/W79L633A
- 16 -
PORT 0
Bit:
7
6
5
4
3
2
1
0
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
Mnemonic: P0
Address: 80h
Port 0 is a bi-directional I/O port after chip is reset. Besides, it has internal pull-up resisters. This port
also provides a multiplexed, low-order address/data bus when the W79E(L)633 accesses external
memory.
STACK POINTER
Bit:
7
6
5
4
3
2
1
0
SP.7
SP.6
SP.5
SP.4
SP.3
SP.2
SP.1
SP.0
Mnemonic: SP
Address: 81h
The Stack Pointer stores the address in Scratchpad RAM where the stack begins. It always points to
the top of the stack.
DATA POINTER LOW
Bit:
7
6
5
4
3
2
1
0
DPL.7
DPL.6
DPL.5
DPL.4
DPL.3
DPL.2
DPL.1
DPL.0
Mnemonic: DPL
Address: 82h
This is the low byte of the standard-8051/52, 16-bit data pointer.
DATA POINTER HIGH
Bit:
7
6
5
4
3
2
1
0
DPH.7
DPH.6
DPH.5
DPH.4
DPH.3
DPH.2
DPH.1
DPH.0
Mnemonic: DPH
Address: 83h
This is the low byte of the standard-8051/52, 16-bit data pointer.
POWER CONTROL
Bit:
7
6
5
4
3
2
1
0
SMOD
SMOD0
-
-
GF1
GF0
PD
IDL
Mnemonic: PCON
Address: 87h
BIT
NAME
FUNCTION
7
SMOD 1: This bit doubles the serial-port baud rate in modes 1, 2 and 3.
6
SMOD0
0: Disable Framing Error Detection. SCON.7 acts as per the standard 8051/52
function.
1: Enable Framing Error Detection. SCON.7 indicates a Frame Error and acts as the
FE flag.
5-4
-
Reserved
3
GF1
General-purpose user flag.
2
GF0
General-purpose user flag.
1
PD
1: Go into POWER DOWN mode. In this mode, all clocks and program execution are
stopped.
0
IDL
1: Go into IDLE mode. In this mode, the CPU clock stops, so program execution
stops too. However, the clock to the serial port, ADC, PWM timer and interrupt blocks
does not stop, so these blocks continue operating.
TIMER CONTROL
Bit:
7
6
5
4
3
2
1
0
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0


Similar Part No. - W79E633A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W79E632A WINBOND-W79E632A Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
W79E632A ETC2-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
W79E632A NUVOTON-W79E632A Datasheet
1Mb / 79P
   8-BIT MICROCONTROLLER
logo
Winbond
W79E632A40DL WINBOND-W79E632A40DL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
W79E632A40FL WINBOND-W79E632A40FL Datasheet
539Kb / 78P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E633A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com