Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E659A40FL Datasheet(PDF) 55 Page - Nuvoton Technology Corporation

Part # W79E659A40FL
Description  8-BIT MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E659A40FL Datasheet(HTML) 55 Page - Nuvoton Technology Corporation

Back Button W79E659A40FL Datasheet HTML 51Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 52Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 53Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 54Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 55Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 56Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 57Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 58Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 59Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 115 page
background image
W79E659A/W79L659A
Publication Release Date: Oct 08, 2010
- 55 -
Revision A5.0
Power Down
External
0
0
Float
Data
Data
Data
9.
Reset
The user has several hardware related options for placing the W79E659 into reset condition. In
general, most register bits go to their reset value irrespective of the reset condition, but there are a few
flags whose state depends on the source of reset. The user can use these flags to determine the
cause of reset using software. There are two ways of putting the device into reset state. They are
External reset and Watchdog reset.
9.1
Reset Conditions
There are three ways to reset the W79E659—External Reset, Watchdog Timer Reset and Power-On
Reset. In general, most registers return to their default values regardless of the source of the reset, but
a couple flags depend on the source. As a result, the user can use these flags to determine the cause
of the reset.
The rest of this section discusses the three causes of resets and then elaborates on the reset state.
9.2
External Reset
The device samples the RST pin every machine cycle during state C4. The RST pin must be held high
for at least two machine cycles before the reset circuitry applies an internal reset signal. Thus, this
reset is a synchronous operation and requires the clock to be running.
The device remains in the reset state as long as RST is one and remains there up to two machine
cycles after RST is deactivated. Then, the device begins program execution at 0000h. There are no
flags associated with the external reset, but, since the other two reset sources do have flags, the
external reset is the cause if those flags are clear.
9.3
Power-On Reset (POR)
If the power supply falls below Vrst, the device goes into the reset state. When the power supply
returns to proper levels, the device performs a power-on reset and sets the POR flag. The software
should clear the POR flag, or it will be difficult to determine the source of future resets.
9.4
Watchdog Timer Reset
The Watchdog Timer is a free-running timer with programmable time-out intervals. The program must
clear the Watchdog Timer before the time-out interval is reached to restart the count. If the time-out
interval is reached, an interrupt flag is set. 512 clocks later, if the Watchdog Reset is enabled and the
Watchdog Timer has not been cleared, the Watchdog Timer generates a reset. The reset condition is
maintained by the hardware for two machine cycles, and the WTRF bit in WDCON is set. Afterwards,
the device begins program execution at 0000h.


Similar Part No. - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E658A NUVOTON-W79E658A Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
W79E658A40FL NUVOTON-W79E658A40FL Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com