Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E659A40FL Datasheet(PDF) 69 Page - Nuvoton Technology Corporation

Part # W79E659A40FL
Description  8-BIT MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E659A40FL Datasheet(HTML) 69 Page - Nuvoton Technology Corporation

Back Button W79E659A40FL Datasheet HTML 65Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 66Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 67Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 68Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 69Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 70Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 71Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 72Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 73Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 115 page
background image
W79E659A/W79L659A
Publication Release Date: Oct 08, 2010
- 69 -
Revision A5.0
255
PWMn
PWM
Cycle
PWM
Cycle
Figure 13-2 PWM Duty Ratio
If register PWMn is loaded with a new value, the associated output is updated immediately. By loading
PWMn with 00H or FFH, the corresponding channel provides a constant high or low level output,
respectively. Since the 8-bit counter counts modulo 255, it can never actually reach FFh, so the output
remains low all the time.
Buffered PWM outputs may be used to drive DC motors. In this case, the rotation speed of the motor
is proportional to the contents of PWMn. The repetition frequency Fpwm for channel n is given by:
255
PWMP)
(1
2
Fosc
Fpwm
×
+
×
=
Prescale division factor = PWM + 1
PWMn high/low ratio of
(PWMn)
-
255
(PWMn)
PWMn
=
This gives a repetition frequency range of 123 Hz to 31.4 KHz ( osc
f
= 16 MHz).
Please refer as below code.
mov
pwmcon1, #00110011b
; enable pwm3, 2, 1, 0
mov
pwmp, #40h
; Fpwm = Fosc/(2*(1+PWMP)*255)
mov
pwm0, #14h
; duty cycle high/low = PWM0/(255-PWM0)
mov
pwm1, #18h
mov
pwm2, #20h
mov
pwm3, #b0h
mov
pwmcon1, #11111111b
; output enable pwm3, 2, 1, 0


Similar Part No. - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E658A NUVOTON-W79E658A Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
W79E658A40FL NUVOTON-W79E658A40FL Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com