Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W79E659A40FL Datasheet(PDF) 79 Page - Nuvoton Technology Corporation

Part # W79E659A40FL
Description  8-BIT MICROCONTROLLER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

W79E659A40FL Datasheet(HTML) 79 Page - Nuvoton Technology Corporation

Back Button W79E659A40FL Datasheet HTML 75Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 76Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 77Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 78Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 79Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 80Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 81Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 82Page - Nuvoton Technology Corporation W79E659A40FL Datasheet HTML 83Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
W79E659A/W79L659A
Publication Release Date: Oct 08, 2010
- 79 -
Revision A5.0
15.1.5 I2C Clock Baud Rate Control, I2CLKx
The data baud rate of I2C is determined by I2CLKx register when I2C port is in a master mode. In the
slave modes, SIO1 will automatically synchronize with any clock frequency up to 400 KHz from master
I2C device.
The data baud rate of I2C setting conforms to the following equation.
Data Baud Rate of I2C = FCPU / ( I2CLKx + 1),
where FCPU = FOSC/4 .
For example, if FOSC=16MHz (FCPU=4MHz), the I2CLK=40(28H), the baud rate =4MHz/(40+1) =
97.56K bits/sec.
15.1.6 I2C Time-out Counter, I2Timerx
In W79E659, the I2C logic block provides a 14-bit timer-out counter that helps user to deal with bus
pending problem. When SI is cleared user can set ENTI=1 to start the time-out counter. If I2C bus
hangs up too long to get any valid signal from devices on the bus, the time-out counter overflows
cause TIF=1 to request an I2C interrupt. The I2C interrupt is requested in the condition of either SI=1
or TIF=1. Flags SI and TIF must be cleared by software.
Figure 15-3 I2C Time-out Counter
15.2 Modes of Operation
The on-chip I2C ports support four operation modes, Master transmitter, Master receiver, Slave
transmitter and Slave receiver.
In a given application, I2C port may operate as a master and as a slave. In the slave mode, the I2C
port hardware looks for its own slave address and the general call address. If one of these addresses
is detected, an interrupt is requested. When the microcontroller wishes to become the bus master, the
hardware waits until the bus is free before the master mode is entered so that a possible slave action
is not interrupted. If bus arbitration is lost in the master mode, I2C port switches to the slave mode
immediately and can detect its own slave address in the same serial transfer.
15.2.1 Master Transmitter Mode
Serial data output through SDAx while SCLx outputs the serial clock. The first byte transmitted
contains the slave address of the receiving device (7 bits) and the data direction bit. In this case the
data direction bit (R/W) will be logic 0, and we say that a “W” is transmitted. Thus the first byte
transmitted is SLA+W. Serial data is transmitted 8 bits at a time. After each byte is transmitted, an


Similar Part No. - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Nuvoton Technology Corp...
W79E658A NUVOTON-W79E658A Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
W79E658A40FL NUVOTON-W79E658A40FL Datasheet
1Mb / 117P
   8-BIT MICROCONTROLLER
More results

Similar Description - W79E659A40FL

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com