Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7868IDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7868IDBVT
Description  1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7868IDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS7868IDBVT Datasheet HTML 7Page - Texas Instruments ADS7868IDBVT Datasheet HTML 8Page - Texas Instruments ADS7868IDBVT Datasheet HTML 9Page - Texas Instruments ADS7868IDBVT Datasheet HTML 10Page - Texas Instruments ADS7868IDBVT Datasheet HTML 11Page - Texas Instruments ADS7868IDBVT Datasheet HTML 12Page - Texas Instruments ADS7868IDBVT Datasheet HTML 13Page - Texas Instruments ADS7868IDBVT Datasheet HTML 14Page - Texas Instruments ADS7868IDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
TYPICAL CHARACTERISTICS ADS7866
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
10
20
30
40
50
60
70
80
90
100
fi − Input Frquency − kHz
VDD = 1.6 V,
fSAMPLE = 200 kSPS,
fi = 30 kHz,
SNR = 72.31 dB,
SINAD = 71.97 dB,
THD (9) = −83.18 dB,
SFDR = 86.83 dB
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
5
10
15
20
25
30
35
40
45
50
fi − Input Frquency − kHz
VDD = 1.2 V,
fSAMPLE = 100 kSPS,
fi = 30 kHz,
SNR = 71.42 dB,
SINAD = 67.62 dB,
THD (9) = −69.96 dB,
SFDR = 75.14 dB
−82
−80
−78
−76
−74
−72
−70
−68
−66
−64
−62
−60
−58
−56
1
10
100
1000
VDD = 3.6V,
200 KSPS
VDD = 2.5 V,
200 KSPS
VDD = 1.6 V, 200 KSPS
VDD = 1.2 V,
100 KSPS
THD Using 2nd − 10th harmonics,
TA = 25°C
fi − Input Frequency − kHz
67
67.5
68
68.5
69
69.5
70
70.5
71
71.5
72
72.5
73
1
10
100
1000
VDD = 3.6 V,
200 KSPS
VDD = 2.5 V, 200 KSPS
VDD = 1.6 V,
200 KSPS
VDD = 1.2 V,
100 KSPS
fi − Input Frequency − kHz
57
59
61
63
65
67
69
71
73
1
10
100
1000
VDD = 3.6 V, 200 KSPS
fi − Input Frequency − kHz
VDD = 2.5 V,
200 KSPS
VDD = 1.6 V,
200 KSPS
VDD = 1.2 V,
100 KSPS
ADS7866
ADS7867
ADS7868
SLAS465 – JUNE 2005
FFT (8192 Points)
Figure 2.
FFT (8192 Points)
Figure 3.
SIGNAL-TO-NOISE RATIO
SIGNAL-TO-NOISE
TOTAL HARMONIC DISTORTION
vs
AND DISTORTION
vs
INPUT FREQUENCY
vs
INPUT FREQUENCY
INPUT FREQUENCY
Figure 4.
Figure 5.
Figure 6.
11


Similar Part No. - ADS7868IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7868IDBVT BURR-BROWN-ADS7868IDBVT Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7868IDBVT TI1-ADS7868IDBVT Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7868IDBVTG4 TI1-ADS7868IDBVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7868IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
[Old version datasheet]   ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com