Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7868IDBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7868IDBVT
Description  1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7868IDBVT Datasheet(HTML) 2 Page - Texas Instruments

  ADS7868IDBVT Datasheet HTML 1Page - Texas Instruments ADS7868IDBVT Datasheet HTML 2Page - Texas Instruments ADS7868IDBVT Datasheet HTML 3Page - Texas Instruments ADS7868IDBVT Datasheet HTML 4Page - Texas Instruments ADS7868IDBVT Datasheet HTML 5Page - Texas Instruments ADS7868IDBVT Datasheet HTML 6Page - Texas Instruments ADS7868IDBVT Datasheet HTML 7Page - Texas Instruments ADS7868IDBVT Datasheet HTML 8Page - Texas Instruments ADS7868IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
ADS7866
ADS7867
ADS7868
SLAS465 – JUNE 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
MAXIMUM
MAXIMUM
NO MISSING
PACKAGE
SPECIFIED
TRANSPORT
INTEGRAL
DIFFERENTIAL
CODES
PACKAGE
PACKAGE
ORDERING
MODEL
MARKING
TEMPERATURE
MEDIA,
LINEARITY
LINEARITY
RESOLULTION
TYPE
DESIGNATOR
NUMBER
(SYMBOL)
RANGE
QUANTITY
(LSB)
(LSB)
(BIT)
ADS7866I
±1.5
–1/+1.5
12
SOT23-6
A66Y
DBV
–40
°C to 85°C
ADS7866IDBVT
Small tape and reel, 250
ADS7866I
±1.5
–1/+1.5
12
SOT23-6
A66Y
DBV
–40
°C to 85°C
ADS7866IDBVR
Tape and reel, 3000
ADS7867I
±0.5
±0.5
10
SOT23-6
A67Y
DBV
–40
°C to 85°C
ADS7867IDBVT
Small tape and reel, 250
ADS7867I
±0.5
±0.5
10
SOT23-6
A67Y
DBV
–40
°C to 85°C
ADS7867IDBVR
Tape and reel, 3000
ADS7868I
±0.5
±0.5
8
SOT23-6
A68Y
DBV
–40
°C to 85°C
ADS7868IDBVT
Small tape and reel, 250
ADS7868I
±0.5
±0.5
8
SOT23-6
A68Y
DBV
–40
°C to 85°C
ADS7868IDBVR
Tape and reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
over operating free-air temperature range (unless otherwise noted)
RATING
VDD to GND
–0.3 V to 4.0 V
Analog input voltage to GND
–0.3 V to VDD + 0.3 V
Digital input voltage to GND
–0.3 V to 4.0 V
Digital output voltage to GND
–0.3 V to VDD + 0.3 V
TA
Operating free-air temperature range
–40
°C to 85°C
TSTORAGE
Storage temperature range
–65
°C to 150°C
TJ
Junction temperature
150
°C
θ
JA Thermal impedance
110.9
°C/W
SOT-23 Package
θ
JC Thermal impedance
22.31
°C/W
Vapor phase (10–40 sec)
250
°C
Lead temperature,
soldering
Infrared (10–30 sec)
260
°C
ESD
3 kV
2


Similar Part No. - ADS7868IDBVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7868IDBVT BURR-BROWN-ADS7868IDBVT Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7868IDBVT TI1-ADS7868IDBVT Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7868IDBVTG4 TI1-ADS7868IDBVTG4 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
More results

Similar Description - ADS7868IDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7866 TI1-ADS7866_14 Datasheet
1Mb / 29P
[Old version datasheet]   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS7868IDBVTG4 BURR-BROWN-ADS7868IDBVTG4 Datasheet
1Mb / 28P
   1.2-V, 12-/10-/8-BIT, 200-KSPS/100-KSPS, MICRO-POWER, MINIATURE ANALOG-TO-DIGITAL CONVERTER WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8339 TI1-ADS8339 Datasheet
1Mb / 40P
[Old version datasheet]   ADS8339 16-Bit, 250-kSPS, Serial Interface, Micro-Power, Miniature, SAR Analog-to-Digital Converter
ADS8318 TI-ADS8318 Datasheet
1Mb / 28P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI-ADS8319 Datasheet
1Mb / 30P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
ADS8318 TI1-ADS8318_14 Datasheet
1Mb / 35P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE SAR ANALOG-TO-DIGITAL CONVERTER
ADS8319 TI1-ADS8319_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-BIT, 500-KSPS, SERIAL INTERFACE MICROPOWER, MINIATURE, SAR ANALOG-TO-DIGITAL CONVERTER
TLV2556-EP TI-TLV2556-EP Datasheet
709Kb / 37P
[Old version datasheet]   12-BIT 200-KSPS 11-CHANNEL LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8867 TI1-ADS8867_14 Datasheet
1Mb / 45P
[Old version datasheet]   16-Bit, 100-kSPS, Serial Interface, microPower, Miniature, True-Differential Input, SAR Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com