Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-20608-G Datasheet(PDF) 17 Page - TDK Electronics

Part # ICM-20608-G
Description  MotionTracking Device
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICM-20608-G Datasheet(HTML) 17 Page - TDK Electronics

Back Button ICM-20608-G Datasheet HTML 13Page - TDK Electronics ICM-20608-G Datasheet HTML 14Page - TDK Electronics ICM-20608-G Datasheet HTML 15Page - TDK Electronics ICM-20608-G Datasheet HTML 16Page - TDK Electronics ICM-20608-G Datasheet HTML 17Page - TDK Electronics ICM-20608-G Datasheet HTML 18Page - TDK Electronics ICM-20608-G Datasheet HTML 19Page - TDK Electronics ICM-20608-G Datasheet HTML 20Page - TDK Electronics ICM-20608-G Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
ICM-20608-G
Page 17 of 35
Document Number: DS-000081
Revision: 1.0
4. APPLICATIONS INFORMATION
4.1 PIN OUT DIAGRAM AND SIGNAL DESCRIPTION
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
VDDIO
Digital I/O supply voltage
2
SCL/SCLK
I
2C serial clock (SCL); SPI serial clock (SCLK)
3
SDA/SDI
I
2C serial data (SDA); SPI serial data input (SDI)
4
AD0/SDO
I
2C slave address LSB (AD0); SPI serial data output (SDO)
5
CS
Chip select (0 = SPI mode; 1 = I
2C mode)
6
INT
Interrupt digital output (totem pole or open-drain)
7
RESV
Reserved. Do not connect.
8
FSYNC
Synchronization digital input (optional). Connect to GND if unused.
9
RESV
Reserved. Connect to GND.
10
RESV
Reserved. Connect to GND.
11
RESV
Reserved. Connect to GND.
12
RESV
Reserved. Connect to GND.
13
GND
Connect to GND
14
REGOUT
Regulator filter capacitor connection
15
RESV
Reserved. Connect to GND.
16
VDD
Power Supply
Table 11. Signal Descriptions
6
7
8
9
1
4
CS
AD0/SDO
16 15
14
ICM-20608-G
LGA Package (Top View)
16-pin, 3mm x 3mm x 0.75mm
Typical Footprint and thickness
2
3
VDDIO
12
11
10
RESV
Orientation of Axes of Sensitivity and Polarity of Rotation
IC
M
-20
60
8-G
+Z
+X
+Y
13
5
SCL/SCLK
SDA/SDI
RESV
RESV
RESV
GND
Figure 3. Pin out Diagram for ICM-20608-G 3.0x3.0x0.75mm LGA


Similar Part No. - ICM-20608-G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20609 TDK-ICM-20609 Datasheet
788Kb / 57P
   MotionTracking device
More results

Similar Description - ICM-20608-G

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICM-20609 TDK-ICM-20609 Datasheet
788Kb / 57P
   MotionTracking device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
   6-Axis MEMS MotionTracking Device
ICM-20948 TDK-ICM-20948 Datasheet
1Mb / 89P
   Lowest Power 9-Axis MEMS MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
   High Performance Automotive 6-Axis MotionTracking Device
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20649 TDK-ICM-20649 Datasheet
1Mb / 89P
   Wide-Range 6-Axis MEMS MotionTracking Device
ICM-20689 TDK-ICM-20689 Datasheet
767Kb / 53P
   High Performance 6-Axis MEMS MotionTracking Device
logo
List of Unclassifed Man...
MPU-6000 ETC1-MPU-6000 Datasheet
1Mb / 54P
   MotionTracking??devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com