Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM-20689 Datasheet(PDF) 17 Page - TDK Electronics

Part # ICM-20689
Description  High Performance 6-Axis MEMS MotionTracking Device
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ICM-20689 Datasheet(HTML) 17 Page - TDK Electronics

Back Button ICM-20689 Datasheet HTML 13Page - TDK Electronics ICM-20689 Datasheet HTML 14Page - TDK Electronics ICM-20689 Datasheet HTML 15Page - TDK Electronics ICM-20689 Datasheet HTML 16Page - TDK Electronics ICM-20689 Datasheet HTML 17Page - TDK Electronics ICM-20689 Datasheet HTML 18Page - TDK Electronics ICM-20689 Datasheet HTML 19Page - TDK Electronics ICM-20689 Datasheet HTML 20Page - TDK Electronics ICM-20689 Datasheet HTML 21Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 53 page
background image
ICM-20689
Document Number: DS-000114
Page 17 of 53
Revision Date: 03/14/2018
Revision: 2.2
3.6
ABSOLUTE MAXIMUM RATINGS
Stress above those listed as “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only
and functional operation of the device at these conditions is not implied. Exposure to the absolute maximum ratings conditions for
extended periods may affect device reliability.
PARAMETER
RATING
Supply Voltage, VDD
-0.5 V to +4 V
Supply Voltage, VDDIO
-0.5 V to +4 V
REGOUT
-0.5V to 2V
Input Voltage Level (AD0, FSYNC, SCL, SDA)
-0.5 V to VDD + 0.5 V
Acceleration (Any Axis, unpowered)
10,000g for 0.2 ms
Operating Temperature Range
-
40°C to +85°C
Storage Temperature Range
-40
°C to +125°C
Electrostatic Discharge (ESD) Protection
2 kV (HBM);
250 V (MM)
Latch-up
JEDEC Class II (2),125°C
±100 mA
Table 8. Absolute Maximum Ratings


Similar Part No. - ICM-20689

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20608-G TDK-ICM-20608-G Datasheet
719Kb / 35P
   MotionTracking Device
ICM-20609 TDK-ICM-20609 Datasheet
788Kb / 57P
   MotionTracking device
More results

Similar Description - ICM-20689

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ICM-20602 TDK-ICM-20602 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20600 TDK-ICM-20600 Datasheet
1Mb / 57P
   High Performance 6-Axis MEMS MotionTracking Device
ICM-20648 TDK-ICM-20648 Datasheet
1Mb / 82P
   6-Axis MEMS MotionTracking Device
ICM-20649 TDK-ICM-20649 Datasheet
1Mb / 89P
   Wide-Range 6-Axis MEMS MotionTracking Device
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
   High Performance Automotive 6-Axis MotionTracking Device
IIM-42652 TDK-IIM-42652 Datasheet
2Mb / 111P
   High-performance 6-Axis SmartIndustrial™ MotionTracking MEMS Device for Industrial Applications
ICM-20948 TDK-ICM-20948 Datasheet
1Mb / 89P
   Lowest Power 9-Axis MEMS MotionTracking Device
ICM-20601 TDK-ICM-20601 Datasheet
1Mb / 51P
   Wide-Range 6-Axis MotionTracking Device
ICM-42688-P TDK-ICM-42688-P Datasheet
1Mb / 110P
   High Precision 6-Axis MEMS MotionTrackingTM Device
06/20/2021
ICG-20660 TDK-ICG-20660 Datasheet
148Kb / 1P
   High Performance 6-Axis OIS/EIS Optimized MEMS Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com