Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61C256AH-25NI Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS61C256AH-25NI
Description  32K x 8 HIGH-SPEED CMOS STATIC RAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C256AH-25NI Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS61C256AH-25NI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C256AH-25NI Datasheet HTML 8Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
3
SR020-1O
05/24/99
IS61C256AH
ISSI®
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-10
-12
-15
-20
-25
Symbol
Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max.,
CE = VIL
Com.
165
155
145
135
125
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
165
155
145
135
ISB1
TTL Standby Current
VCC = Max.,
Com.
25
25
25
25
25
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
30
30
30
30
CE ≥ VIH, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
2
2
2
2
2
mA
Current (CMOS Inputs)
CE ≥ VCC – 0.2V,
Ind.
10
10
10
10
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Note:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0
°C to +70°C
-10, -12
5V
± 5%
-15, -20, -25
5V
± 10%
Industrial
–40
°C to +85°C
-12
5V
± 5%
-15, -20, -25
5V
± 10%
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.5
V
VIL
Input LOW Voltage(1)
–0.5
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–5
5
µA
Ind.
–10
10
ILO
Output Leakage
GND
≤ VOUT ≤ VCC,
Com.
–5
5
µA
Outputs Disabled
Ind.
–10
10
Note:
1. VIL = –3.0V for pulse width less than 10 ns.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
8
pF
COUT
Output Capacitance
VOUT = 0V
10
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25
°C, f = 1 MHz, Vcc = 5.0V.


Similar Part No. - IS61C256AH-25NI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL ISSI-IS61C256AL Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10J ISSI-IS61C256AL-10J Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10J ISSI-IS61C256AL-10J Datasheet
98Kb / 12P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C256AL-10JL ISSI-IS61C256AL-10JL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C256AH-25NI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61C256AH ICSI-IC61C256AH Datasheet
97Kb / 9P
   32K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256 PYRAMID-P4C1256 Datasheet
170Kb / 17P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Winbond
W24257A WINBOND-W24257A Datasheet
226Kb / 11P
   32K X 8 High Speed CMOS Static RAM
W24257AJ-8N WINBOND-W24257AJ-8N Datasheet
188Kb / 8P
   32K X 8 High Speed CMOS Static RAM
logo
Mosel Vitelic, Corp
MS62256H MOSEL-MS62256H Datasheet
108Kb / 9P
   32K x 8 HIGH SPEED CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T14L256A TMT-T14L256A Datasheet
72Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM?
logo
Winbond
W24L257A WINBOND-W24L257A Datasheet
209Kb / 9P
   32K X 8 High Speed CMOS Static RAM
logo
Integrated Silicon Solu...
IS61C256AL ISSI-IS61C256AL Datasheet
633Kb / 12P
   32K X 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
P4C1256 ETC1-P4C1256 Datasheet
89Kb / 8P
   HIGH SPEED 32K x 8 STATIC CMOS RAM
logo
Taiwan Memory Technolog...
T14M256A TMT-T14M256A_04 Datasheet
76Kb / 9P
   32K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com