Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201DL-GR Datasheet(PDF) 13 Page - Realtek Semiconductor Corp.

Part # RTL8201DL-GR
Description  SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201DL-GR Datasheet(HTML) 13 Page - Realtek Semiconductor Corp.

Back Button RTL8201DL-GR_07 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201DL-GR_07 Datasheet HTML 17Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
RTL8201DL
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver with Auto MDIX
7
Track ID: JATR-1076-21 Rev. 1.0
6.4. Clock Interface
Table 4. Clock Interface
Name
Type
Pin No.
Description
CKXTAL2
O
46
25MHz Crystal Output.
This pin provides the 25MHz crystal output. It must be left open when an external
25MHz oscillator drives X1.
CKXTAL1
I
47
25MHz Crystal Input.
This pin provides the 25MHz crystal input. If a 25MHz oscillator is used, connect
CKXTAL1 to the oscillator’s output (see 9.3 Crystal Characteristics, page 32, for
clock source specifications).
6.5. 10Mbps/100Mbps Network Interface
Table 5. 10Mbps/100Mbps Network Interface
Name
Type
Pin No.
Description
TPTX+
TPTX-
O
O
3
4
Transmit Output.
Differential transmit output pair shared by 100Base-TX, 100Base-FX and 10Base-
T modes. When configured as 100Base-TX, output is an MLT-3 encoded
waveform. When configured as 100Base-FX, the output is pseudo-ECL level.
RSET
I
1
Transmit Bias Resistor Connection.
This pin should be pulled to GND by a 2KΩ (1%) resistor to define driving current
for the transmit DAC. The resistance value may be changed, depending on
experimental results of the RTL8201DL.
TPRX+
TPRX-
I
I
6
7
Receive Input.
Differential receive input pair shared by 100Base-TX, 100Base-FX, and 10Base-T
modes.
6.6. Device Configuration Interface
Table 6. Device Configuration Interface
Name
Type
Pin No.
Description
PHYAD[2:0]
I
42, 43, 44
PHY Address. Set the PHY address for the device.
CRS/RPTR
LI/O
37
Repeater Mode.
Set high to put the RTL8201DL into repeater mode. This pin can be directly
connected to GND or VCC.
COL/SNI
LI/O
36
MII/SNI Interface.
This pin is latched to input during a power on or reset condition. Pull high to set
the RTL8201DL into SNI mode operation. Set low for MII mode. This pin can
be directly connected to GND or VCC.
ANE
LI
30
Auto-Negotiation Mode.
This pin is latched to input during a power on or reset condition. Set high to
enable Auto-negotiation mode, set low to force mode. This pin can be directly
connected to GND or VCC.


Similar Part No. - RTL8201DL-GR_07

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
More results

Similar Description - RTL8201DL-GR_07

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
   SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201CP REALTEK-RTL8201CP Datasheet
438Kb / 37P
   SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
   SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
SMSC Corporation
LAN9218 SMSC-LAN9218 Datasheet
1Mb / 130P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
LAN9218 SMSC-LAN9218_07 Datasheet
1Mb / 133P
   High-Performance Single- Chip 10/100 Ethernet Controller with HP Auto-MDIX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com