Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211BN-GR Datasheet(PDF) 29 Page - Realtek Semiconductor Corp.

Part # RTL8211BN-GR
Description  INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211BN-GR Datasheet(HTML) 29 Page - Realtek Semiconductor Corp.

Back Button RTL8211BN-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 28Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 29Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 30Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 31Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 32Page - Realtek Semiconductor Corp. RTL8211BN-GR Datasheet HTML 33Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
RTL8211BN
Datasheet
Integrated 10/100/1000 Gigabit Ethernet Transceiver
23
Track ID: JATR-1076-21 Rev. 1.0
Bit
Name
RW
Default
Description
1.8
1000Base-T
Extended status
RO
1
1000Base-T Extended Status Register.
1: Device supports Extended Status Register 0x0F (15)
0: Device does not support Extended Status Register 0x0F
This register is read-only and is always set to 1.
1.7
RSVD
RO
0
Reserved.
1.6
Preamble
Suppression
RO
1
Preamble Suppression Capability (permanently on).
The RTL8211BN always accepts transactions with preamble
suppressed.
1.5
Auto-Negotiation
Complete
RO
0
Auto-Negotiation Complete.
1: Auto-Negotiation process complete, and contents of registers 5,
6, 8, and 10 are valid
0: Auto-Negotiation process not complete
1.4
Remote Fault
RO
0
Remote Fault.
1: Remote fault condition detected (cleared on read or by reset).
Indication or notification of remote fault from Link Partner
0: No remote fault condition detected
1.3
Auto-Negotiation
Ability
RO
1
Auto Configured Link.
1: Device is able to perform Auto-Negotiation
0: Device is not able to perform Auto-Negotiation
1.2
Link Status
RO
0
Link Status.
1: Linked
0: Not Linked
This register indicates whether the link was lost since the last read.
For the current link status, either read this register twice or read
register bit 17.10 Link Real Time.
1.1
Jabber detect
RO
0
Jabber Detect.
1: Jabber condition detected
0: No Jabber occurred
1.0
Extended
Capability
RO
1
1: Extended register capabilities, always 1
7.2.3.
PHYID1 (PHY Identifier Register 1, Address 0x02)
Table 18. PHYID1 (PHY Identifier Register 1, Address 0x02)
Bit
Name
RW
Default
Description
2.15:0
OUI_MSB
RO
0000000000011100
Organizationally Unique Identifier (OUI) Bit 3:18.
Always 0000000000011100.
Note: Realtek OUI is 0x000732.
7.2.4.
PHYID2 (PHY Identifier Register 2, Address 0x03)
Table 19. PHYID2 (PHY Identifier Register 2, Address 0x03)
Bit
Name
RW
Default
Description
3.15:10 OUI_LSB
RO
110010
Organizationally Unique Identifier Bit 19:24.
Always 110010.
3.9:4
Model Number
RO
010001
Always 010001.
3.3:0
Revision Number
RO
0010
-


Similar Part No. - RTL8211BN-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211B REALTEK-RTL8211B Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BL-GR REALTEK-RTL8211BL-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211BN-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR Datasheet
1Mb / 59P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR_08 Datasheet
1Mb / 59P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com