Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8211B Datasheet(PDF) 41 Page - Realtek Semiconductor Corp.

Part # RTL8211B
Description  INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8211B Datasheet(HTML) 41 Page - Realtek Semiconductor Corp.

Back Button RTL8211B Datasheet HTML 37Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 38Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 39Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 40Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 41Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 42Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 43Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 44Page - Realtek Semiconductor Corp. RTL8211B Datasheet HTML 45Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
RTL8211B(L)
Datasheet
Integrated 10/100/1000 Gigabit Ethernet Transceiver
35
Track ID: JATR-1076-21 Rev. 1.5
9.
Characteristics
9.1. Absolute Maximum Ratings
Table 36. Absolute Maximum Ratings
Description/Symbol
Minimum
Maximum
Unit
Supply Voltage (DVDD33, AVDD33)
-0.5
4
V
Supply Voltage (AVDD18)
-0.5
2.5
V
Supply Voltage (AVDD15, DVDD15)
-0.5
2
V
Input Voltage (DC input)
-0.5
AVDD33 + 0.5
V
Output Voltage (DC output)
-0.5
AVDD33 + 0.5
V
Storage Temperature
-55
+125
°C
9.2. Recommended Operating Conditions
Table 37. Recommended Operating Conditions
Description
Pins
Minimum
Typical
Maximum
Unit
DVDD33, AVDD33
3.14
3.3
3.46
V
AVDD18
1.68
1.8
2.13
V
Supply Voltage VDD
AVDD15, DVDD15
1.33
1.5
1.68
V
Ambient Operating Temperature TA
-
0
-
70
°C
Maximum Junction Temperature
-
-
-
125
°C
9.3. Crystal Requirements
Table 38. Crystal Requirements
Symbol
Description/Condition
Minimum
Typical
Maximum
Unit
Fref
Parallel resonant crystal reference frequency,
fundamental mode, AT-cut type.
-
25
-
MHz
Fref Stability
Parallel resonant crystal frequency stability,
fundamental mode, AT-cut type. Ta=25°C.
-50
-
+50
ppm
Fref Tolerance
Parallel resonant crystal frequency tolerance,
fundamental mode, AT-cut type. Ta=-20°C~+70°C.
-30
-
+30
ppm
Fref Duty Cycle
Reference Clock Input Duty Cycle.
40
-
60
%
DL
Drive Level.
-
-
0.5
mW


Similar Part No. - RTL8211B

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN REALTEK-RTL8211BN Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results

Similar Description - RTL8211B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR Datasheet
1Mb / 59P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR REALTEK-RTL8211C-GR_08 Datasheet
1Mb / 59P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com