Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1559ETE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1559ETE
Description  5-Output Power-Management IC For Low-Cost PDAs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1559ETE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1559ETE Datasheet HTML 1Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 2Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 3Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 4Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 5Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 6Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 7Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 8Page - Maxim Integrated Products MAX1559ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5-Output Power-Management IC For
Low-Cost PDAs
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VSWIN = VENSD = VENC2 = VENLCD = 4.0V, TA = -40°C to +85°C, unless otherwise noted.) (Note 2)
PARAMETER
CONDITIONS
MIN
MAX
UNITS
LFB Input Bias Current
VLFB = 1.3V
100
nA
SW Off-Leakage Current
SW = GND, VSWIN = 5.5V, ENLCD = GND
1
µA
LOGIC IN AND OUT
EN_ Input Low Level
VIN = 3.1V to 5.5V
0.4
V
EN_ Input High Level
VIN = 3.1V to 5.5V
1.4
V
EN_ Input Leakage Current
1
µA
RS, Output Low Level
Sinking 1mA, VIN = 2.5V
0.4
V
RS, Output High Leakage
VOUT = 5.5V
1
µA
Note 1: Specification is guaranteed by design, not production tested.
Note 2: Specifications to -40°C are guaranteed by design, not production tested.
Typical Operating Characteristics
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
MAIN DROPOUT VOLTAGE
vs. LOAD CURRENT
ILOAD (mA)
500
400
300
200
100
100
200
300
400
500
0
0
600
250
200
150
100
50
50
100
150
200
250
300
0
0
300
SDIG DROPOUT VOLTAGE
vs. LOAD CURRENT
ILOAD (mA)
MAIN OUTPUT VOLTAGE
vs. LOAD CURRENT
ILOAD (mA)
800
700
100 200 300
500
400
600
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
1.50
0
900


Similar Part No. - MAX1559ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX155 MAXIM-MAX155 Datasheet
624Kb / 20P
   8-/4-Channel ADCs with Simultaneous T/Hs and Reference
19-2949; Rev 1; 6/94
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
MAX15500 MAXIM-MAX15500 Datasheet
3Mb / 28P
   Industrial Analog Current/ Voltage-Output Conditioners
Rev 1; 2/11
MAX15500 MAXIM-MAX15500 Datasheet
710Kb / 15P
   USB-PC Connection (Cable Included)
Rev 0; 8/09
MAX15500GTJ++ MAXIM-MAX15500GTJ+ Datasheet
3Mb / 27P
   Industrial Analog Current/Voltage-Output Conditioners
Rev 0; 6/09
More results

Similar Description - MAX1559ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1552 MAXIM-MAX1552 Datasheet
324Kb / 12P
   Complete Power IC for Low-Cost PDAs
Rev 0; 4/03
MAX8594 MAXIM-MAX8594 Datasheet
691Kb / 22P
   5-Output PMICs with DC-DC Core Supply for Low-Cost PDAs
Rev 2; 4/05
logo
Texas Instruments
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
logo
NXP Semiconductors
PCA9420 NXP-PCA9420_V03 Datasheet
1Mb / 85P
   Power management IC for low-power microcontroller applications
Rev. 4.2 - 26 July 2023
PCA9420 NXP-PCA9420_V01 Datasheet
1Mb / 87P
   Power management IC for low-power microcontroller applications
Rev. 4.0 - 28 November 2022
logo
Cirrus Logic
CS5462 CIRRUS-CS5462 Datasheet
198Kb / 18P
   LOW COST POWER ENERGY IC WITH PULSE OUTPUT
CS5466 CIRRUS-CS5466_05 Datasheet
296Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
CS5466 CIRRUS-CS5466 Datasheet
188Kb / 16P
   Low-cost Power/Energy IC with Pulse Output
logo
NXP Semiconductors
PCA9421 NXP-PCA9421 Datasheet
856Kb / 66P
   Power management IC for low-power microcontroller applications
Rev. 1.0 - 16 October 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com