Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K5D5657ACM-F015 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K5D5657ACM-F015
Description  256Mb NAND and 256Mb Mobile SDRAM
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K5D5657ACM-F015 Datasheet(HTML) 3 Page - Samsung semiconductor

  K5D5657ACM-F015 Datasheet HTML 1Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 2Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 3Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 4Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 5Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 6Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 7Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 8Page - Samsung semiconductor K5D5657ACM-F015 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 74 page
background image
K5D5657ACM-F015
Revision 0.1
September 2003
- 3 -
Advance
MCP MEMORY
Preliminary
GENERAL DESCRIPTION
FEATURES
<Common>
• Operating Temperature : -25°C ~ 85°C
• Package : 107-ball FBGA Type - 10.5x13mm, 0.8mm pitch
<NAND>
• Power Supply Voltage : 1.7~1.95V
• Organization
- Memory Cell Array : (32M + 1024K)bit x 8bit
- Data Register : (512 + 16)bit x 8bit
• Automatic Program and Erase
- Page Program : (512 + 16)Byte
- Block Erase : (16K + 512)Byte
• Page Read Operation
- Page Size : (512 + 16)Byte
- Random Access : 10
µs(Max.)
- Serial Page Access : 50ns(Min.)
• Fast Write Cycle Time
- Program time : 200
µs(Typ.)
- Block Erase Time : 2ms(Typ.)
• Command/Address/Data Multiplexed I/O Port
• Hardware Data Protection
- Program/Erase Lockout During Power Transitions
• Reliable CMOS Floating-Gate Technology
- Endurance : 100K Program/Erase Cycles
- Data Retention : 10 Years
• Command Register Operation
• Intelligent Copy-Back
• Unique ID for Copyright Protection
<Mobile SDRAM>
• Power Supply Voltage : 1.65~1.95V
• LVCMOS compatible with multiplexed address.
• Four banks operation.
• MRS cycle with address key programs.
-. CAS latency (1, 2 & 3).
-. Burst length (1, 2, 4, 8 & Full page).
-. Burst type (Sequential & Interleave).
• EMRS cycle with address key programs.
• All inputs are sampled at the positive going edge of the system
clock.
• Burst read single-bit write operation.
• Special Function Support.
-. PASR (Partial Array Self Refresh).
-. Internal TCSR (Temperature Compensated Self Refresh)
-. DS (Driver Strength)
• DQM for masking.
• Auto refresh.
• 64ms refresh period (4K cycle).
Multi-Chip Package MEMORY
256M Bit (32Mx8) Nand Flash / 256M Bit (4Mx16x4Banks) Mobile SDRAM
The K5D5657ACM is a Multi Chip Package Memory which combines 256Mbit Nand Flash Memory and 256Mbit synchronous high
data rate Dynamic RAM.
256Mbit NAND Flash memory is organized as 32M x8 bits and 256Mbit SDRAM is organized as 4M x16 bits x4 banks.
In 256Mbit NAND Flash, a 528-Byte page program can be typically achieved within 200us and an 16K-Byte block erase can be typi-
cally achieved within 2ms. In serial read operation, a byte can be read by 50ns. DQ pins serve as the ports for address and data
input/output as well as command inputs. Even the write-intensive systems can take advantage of FLASH
′s extended reliability of
100K program/erase cycles with real time mapping-out algorithm. These algorithms have been implemented in many mass storage
applications.
In 256Mbit SDRAM, Synchronous design make a device controlled precisely with the use of system clock and I/O transactions are
possible on every clock cycle. Range of operating frequencies, programmable burst length and programmable latencies allow the
same device to be useful for a variety of high bandwidth, high performance memory system applications.
The K5D5657ACM is suitable for use in data memory of mobile communication system to reduce not only mount area but also power
consumption. This device is available in 107-ball FBGA Type.


Similar Part No. - K5D5657ACM-F015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5D5657DCM-F015 SAMSUNG-K5D5657DCM-F015 Datasheet
1Mb / 74P
   MCP Specification of 256Mb NAND and 256Mb Mobile SDRAM
K5D5657DCM-F0CL SAMSUNG-K5D5657DCM-F0CL Datasheet
1Mb / 74P
   MCP Specification of 256Mb NAND and 256Mb Mobile SDRAM
More results

Similar Description - K5D5657ACM-F015

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K5D5657DCM-F015 SAMSUNG-K5D5657DCM-F015 Datasheet
1Mb / 74P
   MCP Specification of 256Mb NAND and 256Mb Mobile SDRAM
KBE00G003M SAMSUNG-KBE00G003M Datasheet
1Mb / 89P
   NAND 512Mb*2 Mobile SDRAM 256Mb*2
KBE00F005A SAMSUNG-KBE00F005A Datasheet
1Mb / 87P
   512Mb NAND*2 256Mb Mobile SDRAM*2
KBE00S003M SAMSUNG-KBE00S003M Datasheet
1Mb / 86P
   1Gb NAND*2 256Mb Mobile SDRAM*2
KBE00S009M SAMSUNG-KBE00S009M Datasheet
1Mb / 86P
   1Gb NAND x 2 256Mb Mobile SDRAM x 2
logo
Hynix Semiconductor
H5MS2622JFR HYNIX-H5MS2622JFR Datasheet
1Mb / 63P
   256Mb (8Mx32bit) Mobile DDR SDRAM
H5MS2562JFR-E3M HYNIX-H5MS2562JFR-E3M Datasheet
1Mb / 62P
   256Mb (16Mx16bit) Mobile DDR SDRAM
logo
List of Unclassifed Man...
EM488M3244VBA-8F ETC1-EM488M3244VBA-8F Datasheet
884Kb / 33P
   256Mb SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com