Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IC61LV256-8TI Datasheet(PDF) 4 Page - Integrated Circuit Solution Inc

Part # IC61LV256-8TI
Description  32K x 8 Hight Speed SRAM with 3.3V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV256-8TI Datasheet(HTML) 4 Page - Integrated Circuit Solution Inc

  IC61LV256-8TI Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV256-8TI Datasheet HTML 9Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IC61LV256
4
Integrated Circuit Solution Inc.
AHSR027-0B
11/28/2003
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VCC = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VCC = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VCC + 0.3
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VCC
Com.
–1
1
µA
Ind.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VCC, Outputs Disabled
Com.
–1
1
µA
Ind.
–5
5
Notes:
1. VIL (min.) = –0.3V (DC); VIL (min.) = –2.0V (pulse width
2.0 ns).
VIH (max.) = VCC + 0.5V (DC); VIH (max.) = Vcc + 2.0V (pulse width
2.0 ns).
2. Not more than one output should be shorted at one time. Duration of the short circuit should not exceed 30 seconds.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
6
pF
COUT
Output Capacitance
VOUT = 0V
5
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, Vcc = 3.3V.
OPERATING RANGE
Range
Ambient Temperature
Speed
VCC
Commercial
0°C to +70°C
8, 10, 12
3.3V, +10%, –5%
15
3.3V
± 10%
Industrial
–40°C to +85°C
All
3.3V + 10%, –5%
POWER SUPPLY CHARACTERISTICS(1) (Over Operating Range)
-8 ns
-10 ns
-12 ns
-15 ns
Sym. Parameter
Test Conditions
Min. Max.
Min. Max.
Min. Max.
Min. Max.
Unit
ICC
Vcc Dynamic Operating
VCC = Max., CE = VIL
Com.
— 120
— 110
— 100
— 90
mA
Supply Current
IOUT = 0 mA, f = fMAX
Ind.
— 130
— 120
— 110
— 100
ISB1
TTL Standby Current
VCC = Max.,
Com.
— 25
— 25
— 25
— 25
mA
(TTL Inputs)
VIN = VIH or VIL
Ind.
—30
— 30
—30
— 30
CE
≥ VIH, f = 0
ISB2
CMOS Standby
VCC = Max.,
Com.
— 2
— 2
— 2
— 2
mA
Current (CMOS Inputs)
CE
≤ VCC – 0.2V,
Ind.
— 5
— 5
— 5
— 5
VIN
≥ VCC – 0.2V, or
VIN
≤ 0.2V, f = 0
Notes:
1. At f = fMAX, address and data inputs are cycling at the maximum frequency, f = 0 means no input lines change.


Similar Part No. - IC61LV256-8TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV25616 ICSI-IC61LV25616 Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10B ICSI-IC61LV25616-10B Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10BI ICSI-IC61LV25616-10BI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10K ICSI-IC61LV25616-10K Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IC61LV25616-10KI ICSI-IC61LV25616-10KI Datasheet
194Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results

Similar Description - IC61LV256-8TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IC61LV2568 ICSI-IC61LV2568 Datasheet
252Kb / 9P
   256K x 8 Hight Speed SRAM with 3.3V
IC61LV6416 ICSI-IC61LV6416 Datasheet
95Kb / 9P
   64K x 16 Hight Speed SRAM with 3.3V
IC61LV12816 ICSI-IC61LV12816 Datasheet
150Kb / 13P
   128K x 16 Hight Speed SRAM with 3.3V
IC62LV256 ICSI-IC62LV256 Datasheet
88Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
IC62LV256L ICSI-IC62LV256L Datasheet
110Kb / 9P
   32K x 8 Low Power SRAM with 3.3V
logo
List of Unclassifed Man...
UT61256 ETC-UT61256 Datasheet
185Kb / 10P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY61L256 LYONTEK-LY61L256_17 Datasheet
852Kb / 14P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY65W256 LYONTEK-LY65W256_12 Datasheet
328Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
LY61L256 LYONTEK-LY61L256 Datasheet
165Kb / 12P
   32K X 8 BIT HIGH SPEED CMOS SRAM
logo
List of Unclassifed Man...
UT6164B ETC1-UT6164B Datasheet
163Kb / 9P
   32K X 8 BIT HIGH SPEED CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com